Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP104S5-A2VT Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LP104S5-A2VT
Description  LIQUID CRYSTAL DISPLAY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP104S5-A2VT Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LP104S5-A2VT Datasheet HTML 16Page - NXP Semiconductors LP104S5-A2VT Datasheet HTML 17Page - NXP Semiconductors LP104S5-A2VT Datasheet HTML 18Page - NXP Semiconductors LP104S5-A2VT Datasheet HTML 19Page - NXP Semiconductors LP104S5-A2VT Datasheet HTML 20Page - NXP Semiconductors LP104S5-A2VT Datasheet HTML 21Page - NXP Semiconductors LP104S5-A2VT Datasheet HTML 22Page - NXP Semiconductors LP104S5-A2VT Datasheet HTML 23Page - NXP Semiconductors LP104S5-A2VT Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LP104S5
LP104S5--A2VT
A2VT
Liquid Crystal Display
Liquid Crystal Display
Product Specification
Product Specification
Ver
Ver 0.0
0.0
Oct.06.
Oct.06. 2000
2000
Page
Page
22
22//23
23
8. Packing
8-1. Designation of Lot Mark
a) Lot Mark
A, B ,C : INCH CODE
D : YEAR
E : MONTH
F,G : PANEL CODE
H : ASSEMBLY CODE
I,J,K,L,M : SERIAL NO.
Note : 1. YEAR
YEAR
97
98
99
2000
2001
2002
2003
2004
2005
2006
2007
Mark
7
8
9
0
1
2
3
4
5
6
7
2. MONTH
MONTH
Jan.
Feb.
Mar.
Apr.
May.
Jun.
Jul.
Aug.
Sep.
Oct.
Nov.
Dec.
Mark
1
2
3
4
5
6
7
8
9
A
B
C
b) Location of Lot Mark
Serial NO. Is printed on the label. The label is attached to the backside of the LCD module.
This is subject to change without prior notice.
8-2. Packing Form
a) Package quantity in one box : 10 pcs
b) Box Size : 371mm X 239mm X 300mm
K
J
I
H
G
F
E
D
C
B
A
L
M
Alpha Point Ltd.
Vernissakatu 8A
01300 Vantaa, Finland
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2
http://www.alpha.fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com