Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABB1513 Datasheet(PDF) 8 Page - Advanced Semiconductor Business Inc.

Part # ABB1513
Description  50 ~ 1700 MHz Wide-band CATV Linear Amplifier MMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABB1513 Datasheet(HTML) 8 Page - Advanced Semiconductor Business Inc.

Back Button ABB1513 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ABB1513 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ABB1513 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABB1513 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABB1513 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABB1513 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABB1513 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ABB1513 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ABB1513 Datasheet HTML 10Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8/10
ASB Inc.
 sales@asb.co.kr
August 2017
ABB1513
4.2
Performance Table
Supply voltage = +5 V, TA = +25
C, ZO = 75 
Parameter
Typical
Unit
Frequency
50
500
1200
1700
MHz
Noise Figure
2.6
2.7
2.9
3.3
dB
Gain
13.8
13.7
13.1
12.4
dB
S11
-17
-16
-17
-12
dB
S22
-17
-18
-17
-15
dB
Output IP31)
41
41
39
36
dBm
Output IP22)
58
dBm
Output P1dB
19
19
18
17
dBm
Current
120
mA
Device Voltage
+5
V
1) OIP3 is measured with two tones at an output power of +6 dBm/tone separated by 6 MHz.
2) OIP2 is measured with two tones (F1 = 400 MHz + F2 = 450 MHz) at an output power of +6 dBm/tone.
4.3
Plot of S-parameter & Stability Factor
0
300
600
900
1200
1500
1800
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
S21
S12
S11
S22
K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com