Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5943BEEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5943BEEE
Description  FireWire Current Limiter and Low-Drop ORing Switch Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5943BEEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5943BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
FireWire Current Limiter and Low-Drop
ORing Switch Controller
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 7.5V to 37V, GND = 0V, and TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = 12V, TA = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIM = IN or
TIM ≥ 3.4V
0.45
0.51
0.57
ms
RTIM = 4kΩ
27
32.5
38
µs
RTIM = 50kΩ
228
345
403
µs
Circuit-breaker mode,
MAX5943B
TIM = floating
3.75
5.5
7
ms
TIM = IN or
TIM ≥ 3.4V
0.89
1.00
1.13
ms
RTIM = 4kΩ
54
65
76
µs
RTIM = 50kΩ
575
690
806
µs
Circuit-breaker mode,
MAX5943C
TIM = floating
7.5
10.9
14
ms
TIM = IN
1.78
2.02
2.26
ms
RTIM = 4kΩ
109
130
151
µs
RTIM = 50kΩ
1.15
1.38
1.61
ms
Circuit-breaker mode,
MAX5943D
TIM = floating
15
21.9
28
ms
TIM = IN or
TIM ≥ 3.4V
3.56
4.05
4.52
ms
RTIM = 4kΩ
217
260
303
µs
RTIM = 50kΩ
2.3
2.76
3.23
ms
Circuit-Breaker Timeout
(MAX5943B–MAX5943E) (Note 7)
tCB
Circuit-breaker mode,
MAX5943E
TIM = floating
30
44
56
ms
Automatic Restart Delay After
Current-Limit/Circuit-Breaker
Timeout
tOFF
LATCH = GND (Note 8)
128 x
(tILIM
OR tCB)
ms
GATE1 Turn-Off Time
(ORing Response Time)
tOR
From VOR trigger until (VGATE1 - VIN) < 1V,
CGATE1 = 10nF
100
ns
Turn-Off Response Time
tON_OFF
Time from VON < (VON_OFF - Hysteresis)
until (VGATE2 - VOUT) < 1V, GATE2 = open
(Note 9)
0.34
0.6
µs
Minimum Delay from ON Low to
Low-Current Shutdown Mode
tSD
ON step from 1.3V to 0.4V
50
µs
Note 1: All min/max parameters are tested at +25°C and +85°C. Limits at -40°C are guaranteed by design.
Note 2: Measured at both VGATE2 = VOUT = 0V and VGATE2 = VOUT = VIN.
Note 3: The typical value of parameter VTHF is 1.5 x VTH.
Note 4: Current-Limit/Circuit-Breaker Timeout; IN or ON low.
Note 5: See the Typical Operating Circuit. Measured at VGATE1 = VSENSE.
Note 6: The tristate (“floating”) logic condition will be entered if the pin current is within these limits.
Note 7: RTIM is connected from TIM to GND. The maximum timeout period is enforced to prevent arbitrarily long operation in cur-
rent-limit mode. Therefore, the relationship between resistor value and timeout changes for large values of RTIM. See
Current-Limit Timeout vs. RTIM in the Typical Operating Characteristics for nominal values.
Note 8: Parameter tOFF is a direct multiple of tILIM (or tCB), so the limits for tOFF track the limits for tILIM (or tCB).
Note 9: If the ON voltage goes below VON_REF - Hysteresis, then GATE2 goes low immediately to disconnect power from the load
quickly (within tON_OFF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com