Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5943DEEE Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX5943DEEE
Description  FireWire Current Limiter and Low-Drop ORing Switch Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5943DEEE Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX5943DEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 14Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 15Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 16Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 17Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 18Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 19Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
FireWire Current Limiter and Low-Drop
ORing Switch Controller
18
______________________________________________________________________________________
Figure 13. Two-Port FireWire Power Provider Using MAX5943A and MAX5944
SENSE GATE1
OR_ADJ
ONQ1
GND
LATCH
GATE2
OUT
IN
MAX5943A
TIM
ON
ILIM
FAULT
15mΩ
SI7958DP
SI7958DP
SENSE GATE1
OR_ADJ
ONQ1
GND
LATCH
GATE2
OUT
IN
MAX5943A
TIM
ON
ILIM
FAULT
15mΩ
SI7958DP
SI7958DP
SENSEA GATE1A
GATE2A OUTA
INA
MAX5944
ONA
ONQ1
GND
ONB
FAULTA
FAULTB
30mΩ
SI7958DP
SI7958DP
30mΩ
IRF7478
IRF7478
MAX5033
SGND
VIN
ON
FB
GND
VD
IN4148
IN4148
IN4148
BST
LX
PHY
POWER OUT
CABLE
ON
NOT
SLEEP
CURRENT-LIMIT
SENSE
PORT 1
SENSE
PORT 0
SENSE
CABLE
POWER
SOURCE
BATTERY-POWER
SOURCE
IN4148
CPA SENSE
PORT 0
PORT 1
SENSEB GATE1B
GATE2B OUTB
INB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com