Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2102AP Datasheet(PDF) 20 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 20 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 16Page - Motorola, Inc MPX2102AP Datasheet HTML 17Page - Motorola, Inc MPX2102AP Datasheet HTML 18Page - Motorola, Inc MPX2102AP Datasheet HTML 19Page - Motorola, Inc MPX2102AP Datasheet HTML 20Page - Motorola, Inc MPX2102AP Datasheet HTML 21Page - Motorola, Inc MPX2102AP Datasheet HTML 22Page - Motorola, Inc MPX2102AP Datasheet HTML 23Page - Motorola, Inc MPX2102AP Datasheet HTML 24Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 670 page
background image
1–14
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 2. Impact of Assignable Causes on
Process Predictable
Figure 3. Difference Between Process
Control and Process Capability
?
?
?
?
?
?
?
?
?
Process “under control” – all assignable causes are
removed and future distribution is predictable.
PREDICTION
TIME
SIZE
SIZE
TIME
PREDICTION
SIZE
TIME
Out of control
(assignable causes present)
In control assignable
causes eliminated
SIZE
TIME
In control but not capable
(variation from random variability
excessive)
Lower
Specification Limit
Upper
Specification Limit
In control and capable
(variation from random
variability reduced)
?
?
At Motorola, for critical parameters, the process capability
is acceptable with a Cpk = 1.33. The desired process
capability is a Cpk = 2 and the ideal is a Cpk = 5. Cpk, by
definition, shows where the current production process fits
with relationship to the specification limits. Off center
distributions or excessive process variability will result in less
than optimum conditions
SPC IMPLEMENTATION AND USE
DMTG uses many parameters that show conformance to
specification. Some parameters are sensitive to process
variations while others remain constant for a given product
line. Often, specific parameters are influenced when
changes to other parameters occur. It is both impractical and
unnecessary to monitor all parameters using SPC methods.
Only critical parameters that are sensitive to process
variability are chosen for SPC monitoring. The process steps
affecting these critical parameters must be identified also. It
is equally important to find a measurement in these process
steps that correlates with product performance. This is
called a critical process parameter.
Once the critical process parameters are selected, a
sample plan must be determined. The samples used for
measurement are organized into RATIONAL SUBGROUPS
of approximately 2 to 5 pieces. The subgroup size should be
such that variation among the samples within the subgroup
remain small. All samples must come from the same source
e.g., the same mold press operator, etc.. Subgroup data
should be collected at appropriate time intervals to detect
variations in the process. As the process begins to show
improved stability, the interval may be increased. The data
collected must be carefully documented and maintained for
later correlation. Examples of common documentation
entries would include operator, machine, time, settings,
product type, etc.
Once the plan is established, data collection may begin.
The data collected will generate X and R values that are
plotted with respect to time.
X refers to the mean of the
values within a given subgroup, while R is the range or
greatest value minus least value. When approximately 20 or
more X and R values have been generated, the average of
these values is computed as follows:
X
X
X
X
= (
+
2 +3 + ...)/K
R = (R1 + R2 + R3 + ...)/K
where K = the number of subgroups measured.
The values of X and R
are used to create the process
control chart. Control charts are the primary SPC tool used
to signal a problem. Shown in Figure 4, process control
charts show X and R values with respect to time and
concerning reference to upper and lower control limit values.
Control limits are computed as follows:
R upper control limit
+ UCL
R +
D4 R
R lower control limit
+ LCL
R +
D3 R
X upper control limit
+ UCL
X + X )
A2 R
X lower control limit
+ LCL
X + X *
A2 R
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com