Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH152A103C Datasheet(PDF) 1 Page - Rohm

Part # MCH152A103C
Description  1005(0402)Size chip capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH152A103C Datasheet(HTML) 1 Page - Rohm

  MCH152A103C Datasheet HTML 1Page - Rohm MCH152A103C Datasheet HTML 2Page - Rohm MCH152A103C Datasheet HTML 3Page - Rohm MCH152A103C Datasheet HTML 4Page - Rohm MCH152A103C Datasheet HTML 5Page - Rohm MCH152A103C Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1005(0402)Size chip capacitors : MCH15
Quick Reference
Product No. list
External dimensions (Unit : mm)
Production designation
Miniture, light weight
Suitable for mobile devices
Lead-free plating terminal
No polarity
The design and specifications are subject to change without prior notice. Before ordering or using,
please check the latest technical specifications. For more detail information regarding temperature
characteristic code and packaging style code, please check product destination.
●
●
●
●
Range of high dielectric constant capacitors
Rated voltage
Part No.
M C H 1
4
3
2
5
Code
Packing Style
1
Temp. coefficient or percent change
Operating temp. range(℃)
Capacitance-temperature characteristics
EIA code
A,AN
CN
FN
Code
CG
(C0G)
CH
R
B
(X5R)
(X7R)
F
(Y5V)
5
5
−55∼+125
−55∼+125
−55∼+125
−25∼+ 85
(−55∼+ 85)
(−55∼+125)
−25∼+ 85
(−30∼+ 85)
F
0
±30ppm/℃
0
±60ppm/℃
±15%
±10%
(±15%)
(±15%)
+30%, −80%
(+22%, −82%)
0 3
Code
K
L
C
Prduct thickness
0.5mm
0.5mm
0.5mm
Packing specification
Paper tape(width 8mm, pitch 2mm)
Paper tape(width 8mm, pitch 2mm)
Bulk case
Reel
φ180mm(7in.)
φ330mm(13in.)
―
Basic ordering unit(pcs.)
10,000
50,000
50,000
Z K
10V
16V
25V
50V
Voltage
Capacitance tolerance
Code
±0.25pF(0.5∼5pF)
±0.5pF(5.1∼10pF)
±5%(11pF or more)
±10%
+80%, −20%
Tolerance
C
D
J
K
Z
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Capacitance tolerance
Nominal capacitance series
A,AN
(CG)
(C0G)
(CH)Characteristic
50V
0.5
± 0.05
0.5
∼220
〈over 11pF〉:J(± 5%),〈0.5 ∼ 5pF〉:C(± 0.25pF),〈5.1 ∼ 10pF〉:D(± 0.5pF)
E24
Packing style code
K
, L, C
MCH15
×2
N
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Capacitance tolerance
Nominal capacitance series
FN
(F)
(Y5V)Characteristic
25V
0.5
± 0.05
22,000
Z
(+80%,−20%)
E3
50V
1,000
∼10,000
16V
47,000
∼100,000
Packing style code
K
, L, C
MCH15
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Capacitance tolerance
Nominal capacitance series
50V
220
∼6,800
16V
10,000
∼47,000
CN(X5R)Characteristic
10V
68,000
∼100,000
CN
(R)
(B)
(X7R)Characteristic
25V
10,000
K
(±10%)
E6
Packing style code
K
, L, C
MCH15
0.1Min.
0.3Min.
1.0
±0.05
0.5
±0.05
Reel(φ180,φ330mm):compatible with EIAJ ET-7200A
Bulk case:compatible with EIAJ ET-7201A
Temperature
Rated voltage(V)
Capacitance(pF)
A
・AN(CG)
(COG)
(CH)Characteristic
50V
Product No.
MCH155A
(AN)0R5C
∗
MCH155A
(AN)R75C
∗
MCH155A
(AN)010C
∗
MCH155A
(AN)1R1C
∗
MCH155A
(AN)1R2C
∗
MCH155A
(AN)1R3C
∗
MCH155A
(AN)1R5C
∗
MCH155A
(AN)1R6C
∗
MCH155A
(AN)1R8C
∗
MCH155A
(AN)020C
∗
MCH155A
(AN)2R2C
∗
MCH155A
(AN)2R4C
∗
MCH155A
(AN)2R7C
∗
MCH155A
(AN)030C
∗
MCH155A
(AN)3R3C
∗
MCH155A
(AN)3R6C
∗
MCH155A
(AN)3R9C
∗
MCH155A
(AN)040C
∗
MCH155A
(AN)4R3C
∗
MCH155A
(AN)4R7C
∗
MCH155A
(AN)050C
∗
MCH155A
(AN)5R1D
∗
MCH155A
(AN)5R6D
∗
MCH155A
(AN)060D
∗
MCH155A
(AN)6R2D
∗
MCH155A
(AN)6R8D
∗
MCH155A
(AN)070D
∗
MCH155A
(AN)7R5D
∗
MCH155A
(AN)080D
∗
MCH155A
(AN)8R2D
∗
MCH155A
(AN)090D
∗
MCH155A
(AN)9R1D
∗
MCH155A
(AN)100D
∗
0.5
0.75
1.0
1.1
1.2
1.3
1.5
1.6
1.8
2.0
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.0
4.3
4.7
5.0
5.1
5.6
6
6.2
6.8
7
7.5
8
8.2
9
9.1
10
C
(±0.25pF)
D
(±0.5pF)
0.5
±0.05
Temperature
Rated voltage(V)
Capacitance(pF)
50V
Product No.
MCH155CN221K
∗
MCH155CN331K
∗
MCH155CN471K
∗
MCH155CN681K
∗
MCH155CN102K
∗
MCH155CN152K
∗
MCH155CN222K
∗
MCH155CN332K
∗
MCH155CN472K
∗
MCH155CN682K
∗
CN
(R)
(B)
(X7R)Characteristic
25V
Product No.
MCH152CN103K
∗
16V
Product No.
MCH153CN103K
∗
MCH153CN153K
∗
MCH153CN223K
∗
MCH153CN333K
∗
MCH153CN473K
∗
CN
(X5R)Characteristic
10V
Product No.
MCH154CN683K
∗
MCH154CN104K
∗
K
(±10%)
0.5
±0.05
220
330
470
680
1,000
1,500
2,200
3,300
4,700
6,800
10,000
15,000
22,000
33,000
47,000
68,000
100,000
Temperature
Rated voltage(V)
Capacitance(pF)
50V
Product No.
MCH155FN102Z
∗
MCH155FN222Z
∗
MCH155FN472Z
∗
MCH155FN103Z
∗
FN
(F)
(Y5V)Characteristic
25V
Product No.
MCH152FN223Z
∗
16V
Product No.
MCH153FN473Z
∗
MCH153FN104Z
∗
Z
(+80%,−20%)
0.5
±0.05
1,000
2,200
4,700
10,000
22,000
47,000
100,000
Temperature
Rated voltage(V)
Capacitance(pF)
A
・AN(CG)
(COG)
(CH)Characteristic
50V
Product No.
MCH155A
(AN)110J
∗
MCH155A
(AN)120J
∗
MCH155A
(AN)130J
∗
MCH155A
(AN)150J
∗
MCH155A
(AN)160J
∗
MCH155A
(AN)180J
∗
MCH155A
(AN)200J
∗
MCH155A
(AN)220J
∗
MCH155A
(AN)240J
∗
MCH155A
(AN)270J
∗
MCH155A
(AN)300J
∗
MCH155A
(AN)330J
∗
MCH155A
(AN)360J
∗
MCH155A
(AN)390J
∗
MCH155A
(AN)430J
∗
MCH155A
(AN)470J
∗
MCH155A
(AN)510J
∗
MCH155A
(AN)560J
∗
MCH155A
(AN)620J
∗
MCH155A
(AN)680J
∗
MCH155A
(AN)750J
∗
MCH155A
(AN)820J
∗
MCH155A
(AN)910J
∗
MCH155A
(AN)101J
∗
MCH155A
(AN)111J
∗
MCH155A
(AN)121J
∗
MCH155A
(AN)131J
∗
MCH155A
(AN)151J
∗
MCH155A
(AN)161J
∗
MCH155A
(AN)181J
∗
MCH155A
(AN)201J
∗
MCH155A
(AN)221J
∗
J
(±5%)
0.5
±0.05
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
160
180
200
220
0.5
± 0.05
3-digit
designation
accordijg
to IEC
Nominal
capacitance
Range of thermal compensation capacitors
Thermal compensation capacitors
High dielectric constant capacitors
Tolerance
Product thickness(mm)
Tolerance
Product thickness(mm)
Tolerance
Product thickness(mm)
Tolerance
Product thickness(mm)
4
∗: Packaging Code
∗: Packaging Code
∗: Packaging Code


Similar Part No. - MCH152A103C

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH15 ROHM-MCH15 Datasheet
123Kb / 10P
Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
Multi-layer ceramic chip capacitors
More results

Similar Description - MCH152A103C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05C-FC1 VISHAY-VESD05C-FC1 Datasheet
137Kb / 5P
Flip Chip Protection Diode - Chip Size 0402
14-Jul-04
logo
Rohm
MNA02 ROHM-MNA02 Datasheet
85Kb / 7P
(1005 (0402) x 2 size, chip capacitor networks)
logo
Murata Manufacturing Co...
BLM15AG100SN1D MURATA-BLM15AG100SN1D Datasheet
65Kb / 3P
Chip EMIFIL Inductor Type BLM15A_SN Series (0402 Size)
logo
Coilcraft lnc.
0402AF-560XJLW COILCRAFT-0402AF-560XJLW Datasheet
184Kb / 2P
Chip Inductors ??0402AF Series (1005)
0402CS-2N0XGLW COILCRAFT-0402CS-2N0XGLW Datasheet
151Kb / 2P
Chip Inductors ??0402CS (1005)
0402HP-12NXGLW COILCRAFT-0402HP-12NXGLW Datasheet
108Kb / 2P
Chip Inductors - 0402HP Series (1005)
0402CS-27NXJBW COILCRAFT-0402CS-27NXJBW Datasheet
98Kb / 2P
Chip Inductors ??0402CS (1005)
0402CS-3N3XGBU COILCRAFT-0402CS-3N3XGBU Datasheet
98Kb / 2P
Chip Inductors - 0402CS (1005)
0402HP-2N2XJLU COILCRAFT-0402HP-2N2XJLU Datasheet
152Kb / 2P
Chip Inductors - 0402HP Series (1005)
logo
WALSIN TECHNOLOGY CORPO...
RFBLN10051G9D0T WALSIN-RFBLN10051G9D0T Datasheet
408Kb / 3P
LTCC Multi Layer Chip Balun- 1005 (0402) size
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com