Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 99 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 99 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 95Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 96Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 97Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 98Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 99Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 100Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 101Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 102Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 103Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 670 page
background image
AN1559
2–63
Motorola Sensor Device Data
www.motorola.com/semiconductors
Given the brief example on how aliasing can occur, how
does the accelerometer relate to aliasing? To answer this
question, a brief summary on how the accelerometer works is
in order.
The accelerometer is a two chip acceleration sensing
solution. The first chip is the acceleration transducer, termed
G–Cell, constructed by Micro Electro–Mechanical Systems
(MEMS) technology. The G–Cell is a two capacitor element
where the capacitors are in series and share a common center
plate. The deflection in the center plate changes the capaci-
tance of each capacitor which is measured by the second chip,
termed control chip.
The control chip performs the signal conditioning (amplifica-
tion, filtering, offset level shift) function in the system. This chip
measures the G–Cell output using switched capacitor tech-
niques. By the nature of switched cap techniques, the system
is a sampled data system operating at sampling frequency fs.
The filter is switched capacitor, 4–pole Bessel implementation
with a –3 dB frequency of 400 Hz.
As a sampled data system, the accelerometer is not immune
to signal aliasing. However, given the accelerometer’s internal
filter, aliased signals will only appear in the output passband
when input signals are in the range | n
•fs–fsignal|≤fBW.Where
fs is the sampling rate, fSignal is the input signal frequency, fBW
is the filter bandwidth and n is a positive integer to account for
all harmonics. The graphical representation is shown in Figure
2. The bounds can be extended beyond fBW to ensure an alias
free output.
Figure 2. Input signal frequency range where a signal
will be produced in the output passband.
KEEP OUT ZONE
Hz
n*fs – fBW
n*fs
n*fs + fBW
ACCELEROMETER INPUT SIGNALS
The accelerometer is a ratiometric electro–mechanical
transducer. Therefore, the input signals to the device are the
acceleration and the input power source.
The acceleration input is limited in frequency bandwidth by
the geometry of the sensing, packaging, and mounting
structures that define the resonant frequency and response.
This response is in the range of 10 kHz, however, the practical
range is less than 600 Hz for most mechanical systems.
Therefore, aliasing an acceleration signal is unlikely.
The power input signal is ideally dc. However, depending on
the application system architecture, the power supply line can
be riddled with high frequency components. For example, dc
to dc converters can operate with switching frequencies
between 20 kHz and 200 kHz. This range encompasses the
sampling rate of the accelerometer and point to the power
source as the culprit in producing aliased signal.
DEMONSTRATION OF ALIASING
Under zero acceleration conditions a 100 mVrms signal was
injected onto the power supply line of 5.0 Vdc. The frequency
of the injected signal was tuned in to produce an alias in the
accelerometer’s passband. Figures 3 and 4 show the
difference in output when a high frequency signal is not and is
present on the VCC pin of the accelerometer.
Figure 3. Normal Waveforms
(a)
(b)
(c)
1.0E+0
1.0E–1
1.0E–3
1.0E–2
1.0E–4
1.0E–5
1.0E–6
1.0E–7
41.0
41.2
41.4
41.6
41.8
42.0
FREQUENCY (kHz)
Vout
SAMPLING
FREQUENCY
1.0E+0
1.0E–1
1.0E–3
1.0E–2
1.0E–4
1.0E–5
1.0E–6
1.0E–7
41.0
41.2
41.4
41.6
41.8
42.0
FREQUENCY (kHz)
VCC
SAMPLING
FREQUENCY
1.0E+0
1.0E–1
1.0E–3
1.0E–2
1.0E–4
1.0E–5
1.0E–6
0
200
400
600
800
1000
FREQUENCY (Hz)
Vout
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com