Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 109 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 109 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 105Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 106Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 107Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 108Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 109Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 110Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 111Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 112Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 113Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 670 page
background image
AN1611
2–73
Motorola Sensor Device Data
www.motorola.com/semiconductors
STA
PTEMPLO
LDA
HOLD_CNT
; Check if the hold time of crash data
CMP
#$00
; is up
BNE
NON–CRASH
LDA
PTEMPLO
; If yes, display the current acceleration
STA
MAXACC
; value
JSR
ADTOLCD
BRA
NON–CRASH
CRASH
LDA
ZERO_ACC
ADD
#$0E
; If the crash is more than 7g
CMP
PTEMPLO
; 7g = 0E H * 0.5
BHS
NO_INFLATE
LDA
#$FF
; activate the LED
STA
PLMA
NO_INFLATE
JSR
MAXVALUE
; Display the peak acceleration
JSR
ADTOLCD
NON–CRASH
CLR
SHIFT_CNT
CLR
AVE_CNT1
CLR
AVE_CNT2
CLR
AVERAGE_L
CLR
AVERAGE_M
CLR
AVERAGE_H
BRA
REPEAT
; Repeat the whole process
******************************************
*
*
*
Delay Subroutine
*
*
(162 * 0.7725 ms = 0.125 sec)
*
*
*
******************************************
DLY20
STA
TEMP1
LDA
#!162
; 1 unit = 0.7725 ms
OUTLP
CLRX
INNRLP
DECX
BNE
INNRLP
DECA
BNE
OUTLP
LDA
TEMP1
RTS
******************************************
*
*
*
Reading the ADC data X times
*
*
and take the average
*
*
X is defined by DIV_HI and DIV_LO
*
*
*
******************************************
READAD
LDA
#$25
STA
ADSTAT
; AD status = 25H
CLR
PRESHI2
CLR
PRESHI
; Clear the memory
CLR
PRESLO
CLRX
CLR
ADCOUNTER
LOOP128
TXA
CMP
#$FF
BEQ
INC_COUNT
BRA
CONT
INC_COUNT
INC
ADCOUNTER
CONT
LDA
ADCOUNTER
; If ADCOUNTER = X
CMP
DIV_HI
; Clear bit = 0
BEQ
CHECK_X
; Branch to END100
BRA
ENDREAD
CHECK_X
TXA
CMP
DIV_LO
BEQ
END128
ENDREAD
BRCLR
7,ADSTAT,ENDREAD ; Halt here till AD read is finished
LDA
ADDATA
; Read the AD register
ADD
PRESLO
; PRES = PRES + ADDATA
STA
PRESLO
CLRA
ADC
PRESHI
STA
PRESHI
CLRA
ADC
PRESHI2
STA
PRESHI2
INCX
; Increase the AD counter by 1
BRA
LOOP128
; Branch to Loop128
END128
CLR
RSHIFT
; Reset the right shift counter
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com