Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 164 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 164 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 160Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 161Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 162Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 163Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 164Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 165Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 166Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 167Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 168Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 670 page
background image
MPX10 MPXV10GC SERIES
3–18
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing silicone gel which
isolates the die from the environment. The Motorola pres-
sure sensor is designed to operate with positive differential
pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the table
below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPX10D
344
Stainless Steel Cap
MPX10DP
344C
Side with Part Marking
MPX10GP
344B
Side with Port Attached
MPX10GS
344E
Side with Port Attached
MPXV10GC6U
482A
Side with Part Marking
MPXV10GC7U
482C
Side with Part Marking
ORDERING INFORMATION — UNIBODY PACKAGE
MPX10 series pressure sensors are available in differential and gauge configurations. Devices are available in the basic
element package or with pressure port fittings which provide printed circuit board mounting ease and barbed hose pressure
connections.
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Differential
Case 344
MPX10D
MPX10D
Ported Elements
Differential
Case 344C
MPX10DP
MPX10DP
Gauge
Case 344B
MPX10GP
MPX10GP
Gauge
Case 344E
MPX10GS
MPX10D
ORDERING INFORMATION — SMALL OUTLINE PACKAGE (MPXV10GC SERIES)
Device Type/Order No
Packing Options
Case Type
Device Marking
Device Type/Order No.
Packing Options
Case Type
Device Marking
MPXV10GC6U
Rails
Case 482A
MPXV10G
MPXV10GC6T1
Tape and Reel
Case 482A
MPXV10G
MPXV10GC7U
Rails
Case 482C
MPXV10G
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com