Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 177 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 177 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 173Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 174Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 175Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 176Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 177Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 178Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 179Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 180Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 181Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 670 page
background image
3–31
Motorola Sensor Device Data
www.motorola.com/semiconductors
50 kPa On-Chip Temperature
Compensated & Calibrated
SiliconPressure Sensors
The MPX2053/MPXV2053G device is a silicon piezoresistive pressure sensor
providing a highly accurate and linear voltage output — directly proportional to the
applied pressure. The sensor is a single, monolithic silicon diaphragm with the strain
gauge and a thin–film resistor network integrated on–chip. The chip is laser trimmed for
precise span and offset calibration and temperature compensation.
Features
• Temperature Compensated Over 0°C to +85°C
• Easy–to–Use Chip Carrier Package Options
• Ratiometric to Supply Voltage
• Differential and Gauge Options
Application Examples
• Pump/Motor Controllers
• Robotics
• Level Indicators
• Medical Diagnostics
• Pressure Switching
• Non–Invasive Blood Pressure Measurement
Figure 1 shows a block diagram of the internal
circuitry on the stand–alone pressure sensor chip.
Figure 1. Temperature Compensated Pressure
Sensor Schematic
VS
3
SENSING
ELEMENT
THIN FILM
TEMPERATURE
COMPENSATION
AND
CALIBRATION
CIRCUITRY
2
4
Vout+
Vout–
1
GND
VOLTAGE OUTPUT versus
APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the sensor is
directly proportional to the differential pressure applied.
The output voltage of the differential or gauge sensor
increases with increasing pressure applied to the
pressure side (P1) relative to the vacuum side (P2).
Similarly, output voltage increases as increasing vacu-
um is applied to the vacuum side (P2) relative to the
pressure side (P1).
Preferred devices are Motorola recommended choices for future use and
best overall value.
Replaces MPX2050/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPX2053
MPXV2053G
SERIES
0 to 50 kPa (0 to 7.25 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
Motorola Preferred Device
SMALL OUTLINE PACKAGE
SURFACE MOUNT
UNIBODY PACKAGE
MPX2053GP
CASE 344B
MPX2053GSX
CASE 344F
PIN NUMBER
NOTE: Pin 1 is noted by the notch in
the lead.
1
2
3
Gnd
+Vout
VS
5
6
7
N/C
N/C
N/C
4–Vout
8
N/C
MPX2053D
CASE 344
MPX2053DP
CASE 344C
MPXV2053DP
CASE 1351
MPXV2053GP
CASE 1369
PIN NUMBER
1
2
Gnd
+Vout
3
4
VS
–Vout
NOTE: Pin 1 is noted by the notch in
the lead.
MPX2053GVP
CASE 344D
REV 3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com