Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 207 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 207 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 203Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 204Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 205Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 206Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 207Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 208Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 209Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 210Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 211Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 670 page
background image
MPX4100 SERIES
3–61
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 2. Cross Sectional Diagram
(Not to Scale)
FLUORO SILICONE
GEL DIE COAT
WIRE BOND
LEAD
FRAME
STAINLESS
STEEL CAP
EPOXY
PLASTIC
CASE
DIE
BOND
ABSOLUTE ELEMENT
SEALED VACUUM REFERENCE
DIE
P1
P2
Figure 3. Recommended Power Supply Decoupling.
For output filtering recommendations, please refer
to Application Note AN1646.
1.0
mF
IPS
OUTPUT
3
+5 V
0.01
mF
2
1
Figure 2 illustrates an absolute sensing chip in the basic
chip carrier (Case 867). A fluorosilicone gel isolates the
die surface and wire bonds from the environment, while
allowing the pressure signal to be transmitted to the sen-
sor diaphragm. The MPX4100A series pressure sensor
operating characteristics, and internal reliability and quali-
fication tests are based on use of dry air as the pressure
media. Media, other than dry air, may have adverse effects
on sensor performance and long–term reliability. Contact
the factory for information regarding media compatibility in
your application.
Figure 4 shows the sensor output signal relative to pres-
sure input. Typical, minimum, and maximum output curves
are shown for operation over a temperature range of 0
° to
85
°C. (The output will saturate outside of the specified pres-
sure range.)
5.0
4.5
4.0
3.5
3.0
Pressure (ref: to sealed vacuum) in kPa
TYP
MAX
MIN
2.5
2.0
1.5
1.0
0.5
0
Figure 4. Output versus Absolute Pressure
TEMP = 0 to 85
°C
20 kPa TO 105 kPa
MPX4100A
TRANSFER FUNCTION:
Vout = Vs* (.01059*P–.152) ± Error
VS = 5.1 Vdc
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com