Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 242 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 242 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 238Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 239Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 240Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 241Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 242Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 243Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 244Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 245Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 246Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 670 page
background image
MPX4250D SERIES
3–96
Motorola Sensor Device Data
www.motorola.com/semiconductors
ORDERING INFORMATION
The MPX4250D series silicon pressure sensors are available in the basic element package or with
pressure port fittings that provide mounting ease and barbed hose connections.
Device Type/Order No.
Options
Case No.
Marking
MPX4250D
Basic Element
867
MPX4250D
MPX4250GP
Gauge Ported Element
867B
MPX4250GP
MPX4250DP
Dual Ported Element
867C
MPX4250DP
Transfer Function (MPX4250D)
Nominal Transfer Value: Vout = VS x (0.00369 x P + 0.04)
Nominal Transfer Value:
" (Pressure Error x Temp. Factor x 0.00369 x VS)
Nominal Transfer Value: VS = 5.1 " 0.25 Vdc
Temperature Error Band
Temp
Multiplier
– 40
3
0 to 85
1
+125
3
Temperature in
°C
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
Pressure Error Band
Pressure
(kPa)
Pressure
Error (max)
0 to 250 kPa
± 3.45 kPa
75 100 125 150 175 200 225
25
50
250
NOTE: The Temperature Multiplier is a linear response from 0
° to –40°C and from 85° to 125°C.
4.0
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
–4.0
–5.0
5.0
0
Pressure
Error
(kPa)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com