Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 253 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 253 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 249Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 250Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 251Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 252Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 253Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 254Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 255Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 256Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 257Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 670 page
background image
MPX5050 MPXV5050G SERIES
3–107
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE (P1) / VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing fluorosilicone gel
which protects the die from harsh media. The Motorola MPX
pressure sensor is designed to operate with positive differen-
tial pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the
table below:
Part Number
Case Type
Pressure (P1)
Side Identifier
MPX5050D
867
Stainless Steel Cap
MPX5050DP
867C
Side with Part Marking
MPX5050GP
867B
Side with Port Attached
MPXV5050GP
1369
Side with Port Attached
MPXV5050DP
1351
Side with Part Marking
ORDERING INFORMATION — UNIBODY PACKAGE (MPX5050 SERIES)
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Differential
867
MPX5050D
MPX5050D
Ported Elements
Differential Dual Ports
867C
MPX5050DP
MPX5050DP
Gauge
867B
MPX5050GP
MPX5050GP
ORDERING INFORMATION — SMALL OUTLINE PACKAGE (MPXV5050G SERIES)
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Marking
Ported Elements
Side Port
1369
MPXV5050GP
Trays
MPXV5050G
Dual Port
1351
MPXV5050DP
Trays
MPXV5050G
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com