Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 260 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 260 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 256Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 257Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 258Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 259Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 260Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 261Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 262Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 263Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 264Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 670 page
background image
3–114
Motorola Sensor Device Data
www.motorola.com/semiconductors
50 kPa Uncompensated
Silicon Pressure Sensors
The MPX53/MPXV53GC series silicon piezoresistive pressure sensors provide a very
accurate and linear voltage output — directly proportional to the applied pressure. These
standard, low cost, uncompensated sensors permit manufacturers to design and add
their own external temperature compensating and signal conditioning networks.
Compensation techniques are simplified because of the predictability of Motorola’s single
element strain gauge design.
Features
• Low Cost
• Patented Silicon Shear Stress Strain Gauge Design
• Ratiometric to Supply Voltage
• Easy to Use Chip Carrier Package Options
• 60 mV Span (Typ)
• Differential and Gauge Options
Application Examples
• Air Movement Control
• Environmental Control Systems
• Level Indicators
• Leak Detection
• Medical Instrumentation
• Industrial Controls
• Pneumatic Control Systems
• Robotics
Figure 1 shows a schematic of the internal circuitry
on the stand–alone pressure sensor chip.
VOLTAGE OUTPUT versus APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the sensor is directly proportional to the differential
pressure applied.
The output voltage of the differential or gauge sensor increases with increasing
pressure applied to the pressure side (P1) relative to the vacuum side (P2). Similarly,
output voltage increases as increasing vacuum is applied to the vacuum side (P2)
relative to the pressure side (P1).
Replaces MPX50/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPX53D
CASE 344
MPX53GP
CASE 344B
MPX53
MPXV53GC
SERIES
0 to 50 kPa (0 – 7.25 psi)
60 mV FULL SCALE SPAN
(TYPICAL)
NOTE: Pin 1 is the notched pin.
PIN NUMBER
1
2
Gnd
+Vout
3
4
VS
–Vout
SMALL OUTLINE
PACKAGE
MPXV53GC6U
CASE 482A
MPXV53GC7U
CASE 482C
PIN NUMBER
1
2
3
Gnd
+Vout
VS
5
6
7
N/C
N/C
N/C
4–Vout
8
N/C
UNIBODY PACKAGE
NOTE: Pin 1 is the notched pin.
MPX53DP
CASE 344C
Figure 1. Uncompensated Pressure Sensor Schematic
Sensor
+ Vout
– Vout
+ VS
GND
REV 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com