Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 286 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 286 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 282Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 283Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 284Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 285Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 286Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 287Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 288Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 289Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 290Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 670 page
background image
3–140
Motorola Sensor Device Data
www.motorola.com/semiconductors
Media Resistant, Integrated Silicon
Pressure Sensor for Manifold
Absolute Pressure, Altimeter or
Barometer Applications
On-Chip Signal Conditioned,
Temperature Compensated, and
Calibrated
Motorola’s MPXAZ4115A series sensor integrates on–chip, bipolar op amp circuitry and
thin film resistor networks to provide a high output signal and temperature compensation.
The small form factor and high reliability of on–chip integration make the Motorola pressure
sensor a logical and economical choice for the system designer.
The MPXAZ4115A series piezoresistive transducer is a state–of–the–art, monolithic,
signal conditioned, silicon pressure sensor. This sensor combines advanced
micromachining techniques, thin film metallization, and bipolar semiconductor processing to
provide an accurate, high level analog output signal that is proportional to applied pressure.
Figure 1 shows a block diagram of the internal circuitry integrated on a pressure
sensor chip.
Features
• Resistant to high humidity and common automotive media
• 1.5% Maximum Error over 0° to 85°C
• Ideally suited for Microprocessor or Microcontroller–
Based Systems
• Temperature Compensated from –40° to +125°C
• Durable Thermoplastic (PPS) Surface Mount Package
Application Examples
• Aviation Altimeters
• Industrial Controls
• Engine Control
• Weather Stations and Weather Reporting Devices
Figure 1. Fully Integrated Pressure Sensor Schematic
VS
SENSING
ELEMENT
Vout
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 1, 5, 6, 7 AND 8 ARE NO CONNECTS
FOR SMALL OUTLINE PACKAGE DEVICE
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
5
6
7
8
Gnd
Vout
4
1
2
3
MPXAZ4115A
SERIES
INTEGRATED
PRESSURE SENSOR
15 to 115 kPa (2.2 to 16.7 psi)
0.2 to 4.8 V Output
PIN NUMBER
N/C
VS
N/C
N/C
N/C
N/C
NOTE: Pins 1, 5, 6, 7, and 8 are not
device connections. Do not connect to
external circuitry or ground. Pin 1 is
noted by the notch in the lead.
MPXAZ4115AC6U
CASE 482A
SMALL OUTLINE PACKAGE
MPXAZ4115A6U
CASE 482
Rev 0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com