Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 296 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 296 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 292Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 293Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 294Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 295Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 296Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 297Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 298Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 299Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 300Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 670 page
background image
3–150
Motorola Sensor Device Data
www.motorola.com/semiconductors
High Volume Sensor for
Low Pressure Applications
Motorola has developed a low cost, high volume, miniature pressure sensor package
which is ideal as a sub–module component or a disposable unit. The unique concept of
the Chip Pak allows great flexibility in system design while allowing an economic solution
for the designer. This new chip carrier package uses Motorola’s unique sensor die with its
piezoresistive technology, along with the added feature of on–chip, thin–film temperature
compensation and calibration.
NOTE: Motorola is also offering the Chip Pak package in application–specific
configurations, which will have an “SPX” prefix, followed by a four–digit number, unique
to the specific customer.
Features:
• Low Cost
• Integrated Temperature Compensation and Calibration
• Ratiometric to Supply Voltage
• Polysulfone Case Material (Medical, Class V Approved)
• Provided in Easy–to–Use Tape and Reel
Application Examples
• Respiratory Diagnostics
• Air Movement Control
• Controllers
• Pressure Switching
NOTE: The die and wire bonds are exposed on the front side of the Chip Pak
(pressure is applied to the backside of the device). Front side die and wire protection
must be provided in the customer’s housing. Use caution when handling the devices
during all processes.
Motorola’s MPXC2011DT1/MPXC2012DT1 Pressure
Sensor has been designed for medical usage by combining
the performance of Motorola’s shear stress pressure sensor
design and the use of biomedically approved materials.
Materials with a proven history in medical situations have
been chosen to provide a sensor that can be used with
confidence in applications, such as invasive blood pressure
monitoring. It can be sterilized using ethylene oxide. The
portions of the pressure sensor that are required to be
biomedically approved are the rigid housing and the gel
coating.
The rigid housing is molded from a white, medical grade
polysulfone that has passed extensive biological testing
including: tissue culture test, rabbit implant, hemolysis,
intracutaneous test in rabbits, and system toxicity, USP.
The MPXC2011DT1 contains a silicone dielectric gel
which covers the silicon piezoresistive sensing element. The
gel is a nontoxic, nonallergenic elastomer system which
meets all USP XX Biological Testing Class V requirements.
The properties of the gel allow it to transmit pressure uni-
formly to the diaphragm surface, while isolating the internal
electrical connections from the corrosive effects of fluids,
such as saline solution. The gel provides electrical isolation
sufficient to withstand defibrillation testing, as specified in the
proposed Association for the Advancement of Medical
Instrumentation (AAMI) Standard for blood pressure trans-
ducers. A biomedically approved opaque filler in the gel pre-
vents bright operating room lights from affecting the
performance of the sensor.
The MPXC2012DT1 is a no–gel option.
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPXC2011DT1
MPXC2012DT1
PRESSURE SENSORS
0 to 75 mmHg (0 to 10 kPa)
PIN NUMBER
MPXC2011DT1/MPXC2012DT1
CASE 423A
1
2
Gnd
S+
3
4
VS
S–
CHIP PAK PACKAGE
Motorola Preferred Device
REV 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com