Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AS Datasheet(PDF) 154 Page - Motorola, Inc

Part # MPXM2102AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AS Datasheet(HTML) 154 Page - Motorola, Inc

Back Button MPXM2102AS Datasheet HTML 150Page - Motorola, Inc MPXM2102AS Datasheet HTML 151Page - Motorola, Inc MPXM2102AS Datasheet HTML 152Page - Motorola, Inc MPXM2102AS Datasheet HTML 153Page - Motorola, Inc MPXM2102AS Datasheet HTML 154Page - Motorola, Inc MPXM2102AS Datasheet HTML 155Page - Motorola, Inc MPXM2102AS Datasheet HTML 156Page - Motorola, Inc MPXM2102AS Datasheet HTML 157Page - Motorola, Inc MPXM2102AS Datasheet HTML 158Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 670 page
background image
3–8
Motorola Sensor Device Data
www.motorola.com/semiconductors
Motorola Pressure Sensors
INTRODUCTION
Motorola pressure sensors combine advanced piezoresistive sensor architecture with integrated circuit technology to offer a
wide range of pressure sensing devices for automotive, medical, consumer and industrial applications. Selection versatility
includes choice of:
Pressure Ranges in PSI
Application Measurements
0 to 1.45, 0 to 6, 0 to 7.3, 0 to 14.5, 0 to 29, 0 to 75, 0 to 100,
Absolute, Differential, Gauge
0 to 150 psi.
Sensing Options
Package Options
Uncompensated, Temperature Compensated/Calibrated,
• Basic Element, Ported Elements for specific measurements
and Signal Conditioned (with on–chip amplifiers)
• Surface Mount and Through Hole, Low Profile packages
THE BASIC STRUCTURE
The Motorola pressure sensor is designed utilizing a
monolithic silicon piezoresistor, which generates a changing
output voltage with variations in applied pressure. The
resistive element, which constitutes a strain gauge, is ion
implanted on a thin silicon diaphragm.
Applying pressure to the diaphragm results in a resistance
change in the strain gauge, which in turn causes a change in
the output voltage in direct proportion to the applied
pressure. The strain gauge is an integral part of the silicon
diaphragm, hence there are no temperature effects due to
differences in thermal expansion of the strain gauge and the
diaphragm. The output parameters of the strain gauge itself
are temperature dependent, however, requiring that the
device be compensated if used over an extensive tempera-
ture range. Simple resistor networks can be used for narrow
temperature ranges, i.e., 0
°C to 85°C. For temperature
ranges from – 40
°C to +125°C, more extensive compensa-
tion networks are necessary.
MOTOROLA’S LOCALIZED SENSING ELEMENTS
Excitation current is passed longitudinally through the
resistor (taps 1 and 3), and the pressure that stresses the
diaphragm is applied at a right angle to the current flow. The
stress establishes a transverse electric field in the resistor
that is sensed as voltage at taps 2 and 4, which are located
at the midpoint of the resistor (Figure 3a).
The transducer (Figure 3) uses a single element eliminat-
ing the need to closely match the four stress and tempera-
ture sensitive resistors that form a distributed Wheatstone
bridge design. At the same time, it greatly simplifies the
additional circuitry necessary to accomplish calibration and
temperature compensation. The offset does not depend on
matched resistors but instead on how well the transverse
voltage taps are aligned. This alignment is accomplished in
a single photolithographic step, making it easy to control,
and is only a positive voltage, simplifying schemes to zero
the offset.
Figure 3. X–ducer
™ Sensor Element — Top View
PIN #
1. GROUND
2. +VOUT
3. VS
4. –VOUT
ETCHED
DIAPHRAGM
BOUNDARY
TRANSVERSE
VOLTAGE STRAIN
GAUGE RESISTOR
ACTIVE
ELEMENT
S+
S –
VOLTAGE
TAPS
3
2
14
ETCHED
DIAPHRAGM
BOUNDARY
TRANSVERSE
VOLTAGE STRAIN
GAUGE RESISTOR
ACTIVE ELEMENT
HAS FOUR
P– RESISTORS
S+
S –
3
2
1
4
PIN #
1. GROUND
2. +VOUT
3. VS
4. –VOUT
Figure 3a. Localized Sensing Element
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com