Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AS Datasheet(PDF) 158 Page - Motorola, Inc

Part # MPXM2102AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AS Datasheet(HTML) 158 Page - Motorola, Inc

Back Button MPXM2102AS Datasheet HTML 154Page - Motorola, Inc MPXM2102AS Datasheet HTML 155Page - Motorola, Inc MPXM2102AS Datasheet HTML 156Page - Motorola, Inc MPXM2102AS Datasheet HTML 157Page - Motorola, Inc MPXM2102AS Datasheet HTML 158Page - Motorola, Inc MPXM2102AS Datasheet HTML 159Page - Motorola, Inc MPXM2102AS Datasheet HTML 160Page - Motorola, Inc MPXM2102AS Datasheet HTML 161Page - Motorola, Inc MPXM2102AS Datasheet HTML 162Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 670 page
background image
3–12
Motorola Sensor Device Data
www.motorola.com/semiconductors
Integration
ON-CHIP SIGNAL CONDITIONING
To make the designer ’s job even easier, Motorola’s
integrated devices carry sensor technology one step further.
In addition to the on-chip temperature compensation and
calibration offered currently on the 2000 series, amplifier
signal conditioning has been integrated
on-chip in the 4000,
5000 and 6000 series to allow interface directly to any
microcomputer with an on-board A/D converter.
The signal conditioning is accomplished by means of a
four-stage amplification network, incorporating linear bipolar
processing, thin-film metallization techniques, and interac-
tive laser trimming to provide the state-of-the-art in sensor
technology.
1.0
mF
IPS
OUTPUT
3
+5 V
0.01
mF
2
1
Recommended Power Supply Decoupling.
For output filtering recommendations, please refer
to Application Note AN1646.
470 pF
Design Considerations for Different Levels of Sensor Integration
DESIGN ADVANTAGES
DESIGN CONSIDERATIONS
Uncompensated Sensors
High Sensitivity
Device–to–Device Variation in Offset
and Span
Lowest Device Cost
Temperature Compensation
Circuitry Required
Low–Level Output Allows Flexibility
of Signal Conditioning
Requires Signal Conditioning/
Amplification of Output Signal
Relatively Low Input Impedance
(400
Ω Typical)
Temperature Compensated &
Calibrated (2000 Series)
Reduced Device–to–Device
Variations in Offset and Span
Lower Sensitivity Due to Span
Compensation (Compared to
Uncompensated)
Reduced Temperature Drift in Offset
and Span
Priced Higher than Uncompensated
Device
Reasonable Input Impedance
(2K
Ω Typical)
Requires Signal Conditioning/
Amplification of Output Signal
Low Level Output Allows Flexibility in
Signal Conditioning
Integrated Pressure Sensors
(4000, 5000 and 6000 Series)
No Amplification Needed
Direct Interface to MPU
Priced Higher than Compensated/
Uncompensated Device
Signal Conditioning, Calibration of
Span and Offset, Temperature
Compensation Included On–Chip
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com