Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM22MM24 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MM22MM24
Description  Rack and Panel Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MM22MM24 Datasheet(HTML) 2 Page - Vishay Siliconix

  MM22MM24 Datasheet HTML 1Page - Vishay Siliconix MM22MM24 Datasheet HTML 2Page - Vishay Siliconix MM22MM24 Datasheet HTML 3Page - Vishay Siliconix MM22MM24 Datasheet HTML 4Page - Vishay Siliconix MM22MM24 Datasheet HTML 5Page - Vishay Siliconix MM22MM24 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
3
MM22 and MM24
Vishay Dale
Document Number 36008
Revision 22-Aug-00
DIMENSIONS in inches [millimeters]
MMS
With Fixed (026, 027) Guides
HARDWARE MODEL
MATES WITH HARDWARE MODEL
026
026, 026L
027
027, 027L
SK
SL, NSL or SLL
SK030
SL, NSL or SLL
SK2
SL2, NSL2 or SL2L
SK2030
SL2, NSL2 or SL2L
SK2035
SL2, NSL2 or SL2L
HARDWARE MATING CHART
Fixed
Screwlocks (SL)
Short Turnable
Screwlocks (SK030)
Turnable
Screwlocks (SK)
HARDWARE
E
F
TYPE
DIAMETER
DIAMETER
026
0.078
0.125
[1.98]
[3.17]
026L
0.078
0.125
[1.98]
[3.17]
027
0.078
0.125
[1.98]
[3.17]
027L
0.078
0.125
[1.98]
[3.17]
MMP
With Fixed (026, 027) Guides
MMP
With Fixed (026L, 027L)
Guides
MMS
With Fixed (026L, 027L)
Guides
Short Turnable
Screwlocks (SK2035)
Fixed Screwlocks
And Nylon Retaining Nut
And Fiber Washer (NSL)
Fixed
Screwlocks (SLL)
0.620
[15.75]
0.590
[14.99]
NOTE: Either MMP or MMS Connectors may be ordered with any
type of hardware shown.
EXAMPLES:
1. MMP with 026 Hardware would mate with an MMS with 026
Hardware.
2. MMS with SK Hardware would mate with an MMP with SL or
NSL Hardware.
3. MMS with SL2 Hardware would mate with an MMP with SK2 or
SK2030 Hardware.
0.034 [0.864]
Dia.
Solder Cup
#22 or #24
AWG Max.
0.140
[3.56]
0.230
[5.84]
0.110
[2.79]
0.620
[15.75]
0.590
[14.99]
0.250
[6.35]
0.520
[13.21]
0.230 [5.84]
2-56 UNC-2A
Thread Typ.
0.030 [0.762]
Wide
x
0.040 [1.02]
Deep
Slot Typ.
0.110 [2.79]
0.140 [3.56]
F Dia.
0.034 [0.864] Dia.
Solder Cup
#22 or #24
AWG Max.
0.140
[3.56]
“A”
End of
Connector
0.230 [5.84]
E Dia.
0.490
[12.45]
0.140
[3.56]
0.500
[12.70]
0.160 [4.06]
0.540
[13.72]
0.030 [0.762]
Wide
x
0.040 [1.02]
Deep
Typ.
0.110
[2.79]
0.140
[3.56]
0.124
[3.15]
Dia.
2-56 UNC-2A
Typ.
0.590
[14.99]
0.250
[6.35]
“A”
End of
Connector
0.110 [2.79]
0.950
[24.13]
0.910
[23.11]
0.046 [1.17] Wide x
0.062 [1.57] Deep
Typ.
0.187
[4.75]
Dia.
0.580
[14.73]
0.140
[3.56]
0.110
[2.79]
0.610
[15.49]
0.240 [6.10]
Typ.
0.093
[2.36]
Hex Socket
0.090 [2.29]
Deep Typ.
0.180
[4.57]
Dia.
0.040
[1.02]
Typ.
0.620
[15.75]
0.230
[5.84]
0.140
[3.56]
0.110 [2.79]
0.034
[0.864]
Dia.
Solder Cup
#22 or #24
AWG Max.
0.030
[0.762]
Typ.
0.140
[3.56]
0.490
[12.45]
0.520
[13.21]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com