Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM22 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MM22
Description  Rack and Panel Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MM22 Datasheet(HTML) 4 Page - Vishay Siliconix

  MM22 Datasheet HTML 1Page - Vishay Siliconix MM22 Datasheet HTML 2Page - Vishay Siliconix MM22 Datasheet HTML 3Page - Vishay Siliconix MM22 Datasheet HTML 4Page - Vishay Siliconix MM22 Datasheet HTML 5Page - Vishay Siliconix MM22 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
5
MM22 and MM24
Vishay Dale
Document Number 36008
Revision 22-Aug-00
MOUNTING VARIATIONS in inches [millimeters]
50 CONTACTS
44 CONTACTS
34 CONTACTS
[Numbers in brackets indicate millimeters]
NOTE: The views below show the wiring side of a pin model connector (Socket style is
opposite). Socket hardware is assembled at “A” contact end of pin connector.
“C50” Configuration
DIMENSIONS
DIP SOLDER PC BOARD MOUNTING PATTERNS: Male (MMP) Connector Shown - Female
is Opposite. Contact, Contact Row and Mating Hole C to C Dimensions also Applies to Solder
Cup Style Connectors.
LL
0.093 [2.36]
Dia. Typ.
1.03
[26.16]
0.140 [3.56]
Typ.
0.270 [6.86]
Typ.
0.135
[3.43]
0.090
[2.29]
Typ.
0.752
[19.10]
Ref.
0.047 [1.19]
Typ.
A
B
C
D
0.093 [2.36]
Dia. Typ.
1.41
[35.81]
0.140
[3.56]
Typ.
0.270 [6.86]
Ref.
0.135
[3.43]
Typ.
0.090
[2.29]
Typ.
1.13
[28.70]
Ref.
0.047 [1.19]
Typ.
A
B
C
D
PANEL CUTOUT in inches [millimeters]
NUMBER OF
NUMBER OF
CONTACTS
A
B
C
CONTACTS
A
B
C
5
0.210
0.468
0.340
20
0.270
0.814
0.690
[5.33]
[11.89]
[8.64]
[6.86]
[20.68]
[17.53]
7
0.210
0.562
0.440
26
0.270
1.0
0.870
[5.33]
[14.27]
[11.18]
[6.86]
[25.40]
[22.10]
9
0.210
0.656
0.530
29
0.270
1.09
0.970
[5.33]
[16.66]
[13.46]
[6.86]
[27.69]
[24.64]
11
0.270
0.532
0.410
34
0.380
1.03
0.910
[6.86]
[13.51]
[10.41]
[9.65]
[26.16]
[23.11]
14
0.270
0.625
0.500
44
0.380
1.28
1.16
[6.86]
[15.88]
[12.70]
[9.65]
[32.51]
[29.46]
18
0.380
0.656
0.530
50
0.380
1.41
1.28
[9.65]
[16.66]
[13.46]
[9.65]
[35.81]
[32.51]
PANEL CUTOUT
“C50” Configuration
0.093
[2.36]
0.160
[4.06]
0.093 [2.36]
Dia. Typ.
0.360
[9.14]
Ref.
0.090
[2.29] Typ.
0.180
[4.57]
Typ.
0.155 [3.94]
Typ.
0.344
[8.74]
0.172
[4.37]
0.893
[22.68]
Ref.
0.047 [1.19]
Typ.
1.20
[30.48]
C
E
B
D
A
A
C
B
0.093 [2.36]
Typ.
0.050
[1.27]
R Typ.
1.20
[30.48]
0.344
[8.74]
0.500
[12.70]
0.172
[4.37]
0.250
[6.35]
0.093
[2.36]
1.08
[27.43]
0.093 [2.36]
Dia. Typ.
A
B
C
D
0.093 [2.36]
Dia. Typ.
1.28
[32.51]
0.147 [3.73]
Typ.
0.270 [6.86]
Typ.
0.135
[3.43]
0.090
[2.29]
Typ.
0.987
[25.07]
Ref.
0.047 [1.19]
Typ.
0.500
[12.70]
0.172
[4.37]
0.250
[6.35
0.060
[1.52] R
0.344
[8.74]
0.113
[2.87]
0.080
[2.03]
Typ.
1.20
[30.48]
1.43
[36.32]
0.155
[3.94]
0.047
[1.19]
Typ.
0.893
[22.68]
Ref.
0.093 [2.36]
R 2 Places
0.126 + 0.002 - 0.000
[3.20 + 0.051 - 0.000]
Dia. Typ.
0.090 [2.29]
Typ.
in inches [millimeters]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com