Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA554 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA554
Description  -2A, -100V PP Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA554 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA554 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA554 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SA554
-2A, -100V
P P Epitaxial Planar Transistor
18-Jan-2017 Rev.A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
1
Base
3
Emitter
Collector
24
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Saturation Voltage
High Speed Switching
MARKING
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-2
A
Collector Power Dissipation
PC
500
mW
Thermal Resistance from Junction to Ambient
RθJA
250
°C/ W
Junction & Storage temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-Base Breakdown Voltage
V(BR)CBO
-100
-
-
V
IC= -0.1mA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-100
-
-
V
IC= -1mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
-6
-
-
V
IE= -0.1mA, IC=0
Collector Cut-off Current
ICBO
-
-
-
-1
µA
VCB= -100V, IE=0
Emitter Cut-off Current
IEBO
-
-
-1
µA
VEB= -4V, IC=0
DC Current Gain
hFE
120
-
270
VCE= -3V, IC= -100mA
-
-
-0.2
IC= -0.5A, IB= -25mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
-0.3
V
IC= -1A, IB= -50mA
Transition Frequency
fT
30
-
-
MHz
VCE= -5V, IC= -0.1A
Output Capacitance
COB
-
32
-
pF
VCB= -10V, IE=0, f=1MHz
Package
MPQ
Leader Size
SOT-89
1K
7 inch
SOT-89
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50
TYP
C
1.40
1.60
J
3.00
TYP
D
2.30
2.60
K
0.32
0.52
E
1.50
1.70
L
0.35
0.44
F
0.89
1.20
A554


Similar Part No. - 2SA554

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SA554 JIANGSU-2SA554 Datasheet
3Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SA554 DGNJDZ-2SA554 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results

Similar Description - 2SA554

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2195 ROHM-2SD2195 Datasheet
81Kb / 4P
Power Transistor (100V , 2A)
logo
Sanyo Semicon Device
ECH8901 SANYO-ECH8901 Datasheet
369Kb / 6P
PNP Epitaxial Planar Silicon Transistor P-Channel Silicon MOSFET
logo
Rohm
2SD1980 ROHM-2SD1980_09 Datasheet
164Kb / 3P
Power Transistor (100V, 2A)
logo
New Jersey Semi-Conduct...
2N3998 NJSEMI-2N3998 Datasheet
175Kb / 2P
N-P-N EPITAXIAL PLANAR SILICON POWER TRANSISTOR
2N5384 NJSEMI-2N5384 Datasheet
210Kb / 2P
P-N-P EPITAXIAL PLANAR SILICON POWER TRANSISTORS
2N5447 NJSEMI-2N5447 Datasheet
141Kb / 1P
P-N-P EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Rohm
2SD1980TL ROHM-2SD1980TL Datasheet
87Kb / 4P
Power Transistor (100V, 2A)
logo
New Jersey Semi-Conduct...
IRFF9110 NJSEMI-IRFF9110 Datasheet
656Kb / 2P
100V, P-CHANNEL
logo
SeCoS Halbleitertechnol...
2SC3303 SECOS-2SC3303 Datasheet
83Kb / 1P
5A , 100V NPN Epitaxial Planar Silicon Transistor
2SD1766 SECOS-2SD1766 Datasheet
248Kb / 2P
2A, 40V NPN Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com