Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC846AS Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BC846AS
Description  NPN Plastic Encapsulate Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC846AS Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BC846AS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC846AS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC846AS Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BC846AS Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH BC846AS Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH BC846AS Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH BC846AS Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Elektronische Bauelemente
BC846AS,BS
BC847AS, BS, CS
BC848AS, BS, CS
NPN Plastic Encapsulate Transistor
25-Dec-2014 Rev. A
Page 2 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT
TEST CONDITIONS
BC846
80
BC847
50
Collector to Base Breakdown
Voltage
BC848
VCBO
30
-
-
V
IC = 10µA
BC846
80
BC847
50
Collector–Emitter Breakdown
Voltage
BC848
V(BR)CES
30
-
-
V
IC = 10µA, VEB = 0
BC846
65
BC847
45
Collector to Emitter Breakdown
Voltage
BC848
VCEO
30
-
-
V
IC = 10 mA
BC846
6
BC847
6
Emitter to Base Breakdown
Voltage
BC848
VEBO
5
-
-
V
IE = 1 µA
-
-
15
nA
VCB = 30 V
Collector Cutoff Current
ICBO
-
-
5
µA
VCB = 30 V, TA = 150°C
ON CHARACTERISTICS
-
-
0.25
IC = 10mA, IB = 0.5 mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.6
V
IC = 100mA, IB = 5 mA
-
0.7
-
IC = 10mA, IB = 0.5 mA
Base to Emitter Saturation Voltage
VBE(sat)
-
0.9
-
V
IC = 100mA, IB = 5 mA
580
660
700
VCE = 5 V, IC = 2 mA
Base to Emitter Voltage
VBE(on)
-
-
770
mV
VCE = 5 V, IC = 10 mA
BC846AS,BC847AS,BC848AS
110
180
220
BC846BS,BC847BS,BC848BS
200
290
450
DC Current
Gain
BC847CS,BC848CS
hFE
420
520
800
VCE = 5V, IC = 2mA
SMALL–SIGNAL CHARACTERISTICS
Transition Frequency
fT
100
-
-
MHz
VCE = 5 V, IC = 10 mA, f =
100MHz
Collector Output Capacitance
COb
-
-
4.5
pF
VCB = 10 V, f=1MHz
Noise Figure
NF
-
-
10
dB
VCE= 5 V, IC= 0.2 mA,
f= 1KHz, RS= 2K ,
BW= 200Hz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com