Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP55 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCP55
Description  1A , 60V NPN Silicon Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP55 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP55 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP55 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BCP55
1A , 60V
NPN Silicon Medium Power Transistor
11-Aug-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
For AF driver and output stages
High collector current
Low collector-emitter saturation voltage
CLASSIFICATION OF hFE
Product-Rank
BCP55-16
Range
100~250
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-223
2.5K
13’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5
V
Collector Current -Continuous
IC
1
A
Collector Power Dissipation
PD
1.5
W
Typical Thermal Resistance
RθJA
83.3
°C /W
Storage Temperature
TSTG
-65~+150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
60
-
V
IC=0.1mA , IE=0
Collector-emitter breakdown voltage
V(BR)CEO
60
-
V
IC= 10mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
5
-
V
IE= 10µA, IC=0
Collector cut-off current
ICBO
-
100
nA
VCB= 30V, IE=0
25
-
VCE= 2V, IC= 5mA
100
250
VCE= 2V, IC= 150mA
DC current gain
hFE
25
-
VCE= 2V, IC= 500mA
Collector-emitter saturation voltage
1
VCE(sat)
-
0.5
V
IC=500mA, IB= 50mA
Base-emitter voltage
1
VBE(on)
-
1
V
VCE= 2V, IC= 500mA
Transition frequency
f T
100
-
MHz
VCE=10V, IC=50mA, f=100MHz
Top View
1
2
3
4
A
M
B
D
L
K
F
G
H
J
E
C
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.20
6.70
G
-
0.10
B
6.70
7.30
H
-
-
C
3.30
3.70
J
0.25
0.35
D
1.42
1.90
K
-
-
E
4.50
4.70
L
2.30 REF.
F
0.60
0.82
M
2.90
3.10
SOT-223


Similar Part No. - BCP55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP55 PHILIPS-BCP55 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 08
logo
STMicroelectronics
BCP55 STMICROELECTRONICS-BCP55 Datasheet
71Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1997
logo
Siemens Semiconductor G...
BCP55 SIEMENS-BCP55 Datasheet
131Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Fairchild Semiconductor
BCP55 FAIRCHILD-BCP55 Datasheet
191Kb / 6P
NPN General Purpose Amplifier
logo
Infineon Technologies A...
BCP55 INFINEON-BCP55 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
More results

Similar Description - BCP55

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT493A ZETEX-FMMT493A Datasheet
163Kb / 6P
60V NPN SILICON PLANAR MEDIUM POWER PLANAR TRANSISTOR
logo
Rohm
2SA2091S ROHM-2SA2091S Datasheet
97Kb / 4P
Medium power transistor (-60V, -1A)
2SD1834 ROHM-2SD1834_10 Datasheet
136Kb / 3P
Medium Power Transistor (60V, 1A)
2SD1834T100 ROHM-2SD1834T100 Datasheet
136Kb / 3P
Medium Power Transistor (60V, 1A)
logo
Diodes Incorporated
DXT2010P5 DIODES-DXT2010P5_15 Datasheet
204Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
ZXTN25060BZQ DIODES-ZXTN25060BZQ Datasheet
549Kb / 8P
60V NPN MEDIUM POWER TRANSISTOR
Rev erse
FMMT491Q DIODES-FMMT491Q_16 Datasheet
380Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR
Rev 2
FZT851 DIODES-FZT851_17 Datasheet
455Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR
Rev 6
logo
Nexperia B.V. All right...
BC54PAS NEXPERIA-BC54PAS Datasheet
1Mb / 14P
45V/60V/80V, 1A NPN medium power transistors
BC54PAS_SER NEXPERIA-BC54PAS_SER Datasheet
1Mb / 14P
45V/60V/80V, 1A NPN medium power transistors
Rev. 1 - 11 November 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com