Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LVC3245AQ Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74LVC3245AQ
Description  8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVC3245AQ Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74LVC3245AQ Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVC3245AQ Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVC3245AQ Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVC3245AQ Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVC3245AQ Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVC3245AQ Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVC3245AQ Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVC3245AQ Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74LVC3245AQ Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ADVANCE INFORMATION
PI74LVC3245A
8-Bit Dual Supply Bus Transceiver
with 3-State Outputs
2
P-0.3
08/05/03
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
2. This value is limited to 7V maximum.
3. The package thermal impedance is calculated in accordance with JESD
51.
Notes:
Stresses greater than those listed under MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and func-
tional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods
may affect reliability.
Supply voltage range, VCCA and VCCB ............................ –0.5V to +7V
Input voltage range, VI(2) : I/O ports (A-port) ....–0.5V to VCCA +0.5V
I/O ports (B-port) ...........–0.5V to VCCB+0.5V
Control Pins .................–0.5V to VCCA +0.5V
Input clamp current, IIK (VI <0)................................................–50mA
Output clamp current, IOK (VO <0)...........................................–50mA
Continous Output Current IO ..................................................±50mA
Continous Current through each VCC or GND pin .....................±100mA
Package thermal impedance, θJA(3): package L...................... 84°C/W
package Q...................... 98°C/W
package S ...................... 79°C/W
Storage Temperature range, Tstg ................................–65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com