Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AT1 Datasheet(PDF) 14 Page - Motorola, Inc

Part # MPXM2202AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AT1 Datasheet(HTML) 14 Page - Motorola, Inc

Back Button MPXM2202AT1 Datasheet HTML 10Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 11Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 12Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 13Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 14Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 15Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 16Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 17Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 670 page
background image
1–8
Motorola Sensor Device Data
www.motorola.com/semiconductors
The temperature acceleration factor for a particular failure
mechanism can be related by taking the ratio for the reaction
rate of the two different stress levels as expressed by the
Arrhenius type of equation. The mathematical derivation of
the first order chemical reaction rate computes to:
AF
+
(RT)HS + tHS
(RT)LS
tLS
AF
+ exp Ea
k
1
TLS
* 1
THS
Where:
AF
=
Acceleration Factor
RT
=
Reaction Rate
t
=
time
T
=
temperature [
°K]
Ea
=
activation energy of expressed
in electron-volts [eV]
k
=
Boltzman’s constant, 8.6171 x 10-5 eV/
°K
LS
=
Low stress or nominal temperature
HS
=
High stress or test temperature
The activation energy is dependent on the failure mecha-
nism and typically varies from 0.3 to 1.8 electron-volts. The
activation energy is directly proportional to the degree of
influence that temperature has on the chemical reaction rate.
A listing of typical activation energies is included in reference
[6] and [7].
An example using the Arrenhius equation will be demon-
strated. A 32 device HTB test for 500 hours total and no
failure was performed. The 125
°C, 100% rated voltage test
resulted in no failures. If a customer ’s actual usage
conditions was 55
°C at full rated voltage, an estimate of the
lower one side confidence limit can be calculated. An
assumption is made that the failure rate is constant thus
implying the exponential distribution. The first step is to
calculate the equivalent device hours for the customer’s use
conditions by solving for the acceleration factor.
From the acceleration factor above, if eA is assumed equal
to 1,
AF
+ exp Ea
k
1
TLS
* 1
THS
Where:
eA
=
0.7eV/
°K (assumed)
TLS
=55
°C + 273.16 = 328.16°K
THS
=
125
°C + 273.16 = 398.16°K
then;
AF
=
77.64
Therefore, the equivalent cumulative device hours at the
customer’s use condition is:
tLS
=
AF x tHS = (32
 500)  77.64
or
tLS
=
1,242,172 device hours
Computing the lower one sided failure rate with a 90% confi-
dence level and no failures:
l +
x2 (
a, d.f.)
2t
or
λ
=
1.853E–06 failures per hour
or
λ
=
1,853 FITs
The inverse of the failure,
λ, or the Mean Time To Failure
(MTTF) is:
MTTF
+ 1l
or
MTTF = 540,000 device hours
CONCLUSION
Reliability testing durations and acceptance numbers are
used as a baseline for achieving adequate performance in
the actual use condition that the silicon pressure sensor
might encounter. The baseline for reliability testing can be
related to the current record high jump bar height. Just as
athletes in time achieve a higher level of performance by
improvements in their level of physical and mental fitness,
silicon pressure sensors must also incorporate improve-
ments in the design, materials, and manufacturability to
achieve the reliability growth demands the future market
place will require. This philosophy of never ending improve-
ment will promote consistent conformance to the customer’s
expectation and production of a best in class product.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com