Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 344 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 344 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 340Page - Motorola, Inc MPXM2202AS Datasheet HTML 341Page - Motorola, Inc MPXM2202AS Datasheet HTML 342Page - Motorola, Inc MPXM2202AS Datasheet HTML 343Page - Motorola, Inc MPXM2202AS Datasheet HTML 344Page - Motorola, Inc MPXM2202AS Datasheet HTML 345Page - Motorola, Inc MPXM2202AS Datasheet HTML 346Page - Motorola, Inc MPXM2202AS Datasheet HTML 347Page - Motorola, Inc MPXM2202AS Datasheet HTML 348Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 670 page
background image
AN936
3–198
Motorola Sensor Device Data
www.motorola.com/semiconductors
Electrical Connection
The MPX series pressure sensor is designed to be installed
on a printed circuit board (standard 0.100
″ lead spacing) or to
accept an appropriate connector if installed on a baseplate.
The leads of the sensor may be formed at right angles for
assembly to the circuit board, but one must ensure that proper
leadform techniques and tools are employed.
Hand or
“needlenose” pliers should never be used for leadforming
unless they are specifically designed for that purpose. Refer
to Figure 7 for the recommended leadform technique. It is also
important that once the leads are formed, they should not be
straightened and reformed without expecting reduced
durability. The recommended connector for off–circuit board
applications
may
be
supplied
by
JST
Corp.
(1–800–292–4243) in Mount Prospect, IL. The part numbers
for the housing and pins are listed below.
CONCLUSION
Motorola’s MPX series pressure sensors in the chip carrier
package provide the design engineer several packaging
alternatives. They can easily be tested with or without
pressure ports using the information provided.
CONNECTORS FOR CHIP CARRIER PACKAGES
MFG./ADDRESS/PHONE
CONNECTOR
PIN
J.S. Terminal Corp.
4 Pin Housing: SMP–04V–BC
SHF–001T–0.8SS
1200 Business Center Dr.
6 Pin Housing: SMP–06V–BC
SHF–01T–0.8SS
Mount Prospect, IL 60056
(800) 292–4243
Hand crimper YC–12 recommended
Methode Electronics, Inc.
1300–004
1400–213
Rolling Meadows, IL 60008
1402–213
(312) 392–3500
Requires hand crimper
1402–214 Reel
TERMINAL BLOCKS
Molex
22–18–2043
2222 Wellington Court
22–16–2041
Lisle, IL 60532
(312) 969–4550
Samtec
SSW–104–02–G–S–RA
P.O. Box 1147
SSW–104–02–G–S
New Albany, IN 47150
(812) 944–6733
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com