Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 348 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 348 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 344Page - Motorola, Inc MPXM2202AS Datasheet HTML 345Page - Motorola, Inc MPXM2202AS Datasheet HTML 346Page - Motorola, Inc MPXM2202AS Datasheet HTML 347Page - Motorola, Inc MPXM2202AS Datasheet HTML 348Page - Motorola, Inc MPXM2202AS Datasheet HTML 349Page - Motorola, Inc MPXM2202AS Datasheet HTML 350Page - Motorola, Inc MPXM2202AS Datasheet HTML 351Page - Motorola, Inc MPXM2202AS Datasheet HTML 352Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 670 page
background image
AN1082
3–202
Motorola Sensor Device Data
www.motorola.com/semiconductors
+
+
+
+
+
+
+
+
+
+
0
20
40
60
80
100
3
4
5
6
7
8
9
10
13
12
11
14
15
16
17
18
19
20
21
22
Figure 2. Output versus Pressure
85
°
PRESSURE (kPa)
Power supply + 15 V dc, 150 Ohm load
+25
°
0
°
– 40
°
+
+
+
+
+
+
+
+
+
Figure 3. Absolute Error Reference to Algorithm
Reference algorithm Io(mA) = 4 + 16 x P(kPa)
PRESSURE (kPa)
0
204060
80
100
– 2.0
– 1.5
–.5
0
.5
1.0
1.5
2.0
– 1.0
+
Reference algorithm is the straight from output at 255 0 pressure and output at full pressure
85
°
+25
°
0
°
– 40
°
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com