Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 366 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 366 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 362Page - Motorola, Inc MPXM2202AS Datasheet HTML 363Page - Motorola, Inc MPXM2202AS Datasheet HTML 364Page - Motorola, Inc MPXM2202AS Datasheet HTML 365Page - Motorola, Inc MPXM2202AS Datasheet HTML 366Page - Motorola, Inc MPXM2202AS Datasheet HTML 367Page - Motorola, Inc MPXM2202AS Datasheet HTML 368Page - Motorola, Inc MPXM2202AS Datasheet HTML 369Page - Motorola, Inc MPXM2202AS Datasheet HTML 370Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 670 page
background image
AN1305
3–220
Motorola Sensor Device Data
www.motorola.com/semiconductors
PURPOSE
This evaluation system, shown in Figure 1, demonstrates
the ease of operation and interfacing of the Motorola
MPX5100 series pressure sensors with on–chip temperature
compensation, calibration and amplification. The board may
be used to evaluate the sensor’s suitability for a specific
application.
DESCRIPTION
The DEVB–114 evaluation board is constructed on a small
printed circuit board. It is powered from a single +5 Vdc
regulated power supply. The system will display the pressure
applied to the MPX5100 sensor in pounds per square inch.
The range is 0 PSI through 15 PSI, resolved to 0.1 PSI. No
potentiometers are used in the system to adjust the span and
offset. The sensor’s zero offset voltage with no pressure
applied to the sensor is empirically computed each time power
is applied to the system and stored in RAM. The sensitivity of
the MPX5100 is repeatable from unit to unit. There is a facility
for a small “rubbering” of the slope constant built into the
program. It is accomplished with jumpers J1 and J2, and is
explained in the Operation section. The board contents are
further described in the schematic, silk screen plot, and parts
list that appear in Figures 2, 3 and Table 1.
BASIC CIRCUIT
The evaluation board consists of three basic subsystems:
an MPX5100GP pressure sensor, a four digit liquid crystal
display (only three digits and a decimal are used) and a
programmed microprocessor with the necessary external
circuitry to support the operation of the microprocessor.
30
29
28
27
26
25
24
31
38
37
36
35
34
33
32
48
45
44
42
43
46
47
49
44
VSS
∼.302 V
∼4.85 V
15 OHM
453 OHM
22 pF
100
µF
52
50
TD0
RDI
5
PORTA
PORTB
3
4
5
6
7
1
2
0
3
4
5
6
7
1
2
76
5 4 3
21
0
PORTC
GND
VPP6
15
1%
1%
1%
30.1 OHM
XDCR1
RESET
IN
U1
U2
34064P–
5
.1
+
10K
10K
4.7K
22 pF
10MEG
4 MHz
Y1
C4
C3
C2
C1
R7
R6
R5
R4
R3
R2
R1
J3
MC68HC705B5FN
+5
OUT
VCC
MPX5100
TCAP2
TCAP1
D/A
PD5
PD0
PD1
PD2
PD3
PD4
VDD
+5
PD7
PD6
17
16
OSC2
OSC1
+5
8
7
VRH
VRL
+5
GND
+5
18
RESET
IRQ
19
43
J2
J1
+5
1–4, 33
39, 38, 40
28
BP
IEE PART NUMBER LCD5657 OR EQUAL
LIQUID CRYSTAL DISPLAY
26
37 36
35
34
32
31
30
29
27
25
24
23
22
21
20
19
14
12
11
17
18
16
15
13
10
9
8
7
6
5
14
13
12
11
10
921 22 23
LCD
Figure 2. DEVB–114 System Schematic
___
______
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com