Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 367 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 367 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 363Page - Motorola, Inc MPXM2202AS Datasheet HTML 364Page - Motorola, Inc MPXM2202AS Datasheet HTML 365Page - Motorola, Inc MPXM2202AS Datasheet HTML 366Page - Motorola, Inc MPXM2202AS Datasheet HTML 367Page - Motorola, Inc MPXM2202AS Datasheet HTML 368Page - Motorola, Inc MPXM2202AS Datasheet HTML 369Page - Motorola, Inc MPXM2202AS Datasheet HTML 370Page - Motorola, Inc MPXM2202AS Datasheet HTML 371Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 670 page
background image
AN1305
3–221
Motorola Sensor Device Data
www.motorola.com/semiconductors
Table 1. DEVB–114 Parts List
Designators
Quant.
Description
Rating
Manufacturer
Part Number
C1
1
100
µF Electrolytic Capacitor
25 Vdc
Sprague
513D107M025BB4
C2
1
0.1
µF Ceramic Capacitor
50 Vdc
Sprague
1C105Z5U104M050B
C3, C4
2
22 pF Ceramic Capacitor
100 Vdc
Mepco/Centralab
CN15A220K
J1, J2
1
Dual Row Straight .025 Pins
Arranged On .1
″ Grid
Molex
10–89–1043
LCD
1
Liquid Crystal Display
AMPEREX
LTD226R–12
R1
1
4.7 k Ohm Resistor
R2
1
10 Meg Ohm Resistor
R3, R4
2
10 k Ohm Resistor
R5
1
15 Ohm 1% 1/4 W Resistor
R6
1
453 Ohm 1% 1/4 W Resistor
R7
1
30.1 Ohm 1% 1/4 W Resistor
XDCR1
1
Pressure Sensor
Motorola
MPX5100GP
U1
1
Microprocessor
Motorola
MC68HC705B5FN or
Motorola
XC68HC705B5FN
U2
1
Under Voltage Detector
Motorola
MC34064P–5
Y1
1
Crystal (Low Profile)
4.0 MHz
ECS
ECS–40–S–4
No Designator
1
52 Pin PLCC Socket
AMP
821–575–1
No Designator
2
Jumpers For J1 and J2
Molex
15–29–1025
No Designator
1
Bare Printed Circuit Board
Note: All resistors are 1/4 W resistors with a tolerance of 5% unless otherwise noted.
Note: All capacitors are 100 volt, ceramic capacitors with a tolerance of 10% unless otherwise noted.
Figure 3. Silk Screen
DEVB–114
REV. 0
GND
+5
J3
R3
R4
R5
R6
R7
J1
J2
R1
U2
TP1
VCC
1
R2
Y1
C4
C3
C2
C1
XDRC1
LCD1
U1
XDRC OUT
GND
TP3
TP2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com