Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 371 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 371 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 367Page - Motorola, Inc MPXM2202AS Datasheet HTML 368Page - Motorola, Inc MPXM2202AS Datasheet HTML 369Page - Motorola, Inc MPXM2202AS Datasheet HTML 370Page - Motorola, Inc MPXM2202AS Datasheet HTML 371Page - Motorola, Inc MPXM2202AS Datasheet HTML 372Page - Motorola, Inc MPXM2202AS Datasheet HTML 373Page - Motorola, Inc MPXM2202AS Datasheet HTML 374Page - Motorola, Inc MPXM2202AS Datasheet HTML 375Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 670 page
background image
AN1305
3–225
Motorola Sensor Device Data
www.motorola.com/semiconductors
0011
#pragma portrw scidata
@ 0x11;
/* SCI Data
*/
0012
#pragma portrw tcr
@ 0x12;
/* ICIE,OCIE,TOIE,0;0,0,IEGE,OLVL
*/
0013
#pragma portrw tsr
@ 0x13;
/* ICF,OCF,TOF,0; 0,0,0,0
*/
0014
#pragma portrw icaphi1
@ 0x14;
/* Input Capture Reg (Hi–0x14, Lo–0x15) */
0015
#pragma portrw icaplo1
@ 0x15;
/* Input Capture Reg (Hi–0x14, Lo–0x15) */
0016
#pragma portrw ocmphi1
@ 0x16;
/* Output Compare Reg (Hi–0x16, Lo–0x17)*/
0017
#pragma portrw ocmplo1
@ 0x17;
/* Output Compare Reg (Hi–0x16, Lo–0x17)*/
0018
#pragma portrw tcnthi
@ 0x18;
/* Timer Count Reg (Hi–0x18, Lo–0x19)
*/
0019
#pragma portrw tcntlo
@ 0x19;
/* Timer Count Reg (Hi–0x18, Lo–0x19)
*/
001A
#pragma portrw acnthi
@ 0x1A;
/* Alternate Count Reg (Hi–$1A, Lo–$1B) */
001B
#pragma portrw acntlo
@ 0x1B;
/* Alternate Count Reg (Hi–$1A, Lo–$1B) */
001C
#pragma portrw icaphi2
@ 0x1c;
/* Input Capture Reg (Hi–0x1c, Lo–0x1d) */
001D
#pragma portrw icaplo2
@ 0x1d;
/* Input Capture Reg (Hi–0x1c, Lo–0x1d) */
001E
#pragma portrw ocmphi2
@ 0x1e;
/* Output Compare Reg (Hi–0x1e, Lo–0x1f)*/
001F
#pragma portrw ocmplo2
@ 0x1f;
/* Output Compare Reg (Hi–0x1e, Lo–0x1f)*/
/* put constants and variables here...they must be global */
/***********************************************************************/
1EFE 74
#pragma mor @ 0x1EFE = 0x74; /* this disables the watchdog counter and does not
add pull–down resistors on ports B and C */
0800 FC 30 DA 7A 36 6E E6 38 FE
const char lcdtab[]={0xfc,0x30,0xda,0x7a,0x36,0x6e,0xe6,0x38,0xfe,0x3e };
0809 3E
/* lcd pattern table
0
1
2
3
4
5
6
7
8
9
*/
080A 27 10 03 E8 00 64 00 0A
const long dectable[] = { 10000, 1000, 100, 10 };
0050 0005
unsigned int digit[5]; /* buffer to hold results from cvt_bin_dec functio */
0000
registera ac;
/* processor’s A register */
0055
long atodtemp;
/* temp to accumulate 100 a/d readings for smoothing */
0059
long slope;
/* multiplier for adc to engineering units conversion */
005B
int adcnt;
/* a/d converter loop counter */
005C
long xdcr_offset;
/* initial xdcr offset */
005E 0060
unsigned long i,j; /* counter for loops */
0062
int k;
/* misc variable */
struct bothbytes
{
int hi;
int lo;
};
union isboth
{
long
l;
struct bothbytes b;
};
0063 0002
union isboth q;
/* used for timer set–up */
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com