Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 438 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 438 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 434Page - Motorola, Inc MPXM2202AS Datasheet HTML 435Page - Motorola, Inc MPXM2202AS Datasheet HTML 436Page - Motorola, Inc MPXM2202AS Datasheet HTML 437Page - Motorola, Inc MPXM2202AS Datasheet HTML 438Page - Motorola, Inc MPXM2202AS Datasheet HTML 439Page - Motorola, Inc MPXM2202AS Datasheet HTML 440Page - Motorola, Inc MPXM2202AS Datasheet HTML 441Page - Motorola, Inc MPXM2202AS Datasheet HTML 442Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 670 page
background image
AN1326
3–292
Motorola Sensor Device Data
www.motorola.com/semiconductors
LCD Interface
In order to digitally display the barometric pressure
conversion, a serial LCD interface was developed to
communicate with the MCU. This system includes an
MC145453 CMOS serial interface/LCD driver, and a 4–digit,
non–multiplexed LCD. In order for the MCU to communicate
correctly with the interface, it must serially transmit six bytes
for each conversion. This includes a start byte, a byte for each
of the four decimal display digits, and a stop byte. For
formatting purposes, decimal points and blank digits can be
displayed through appropriate bit patterns. The control of
display digits and data transmission is executed in the source
code through subroutines BCDCONV, LOOKUP, SP12LCD,
and TRANSFER. A block diagram of this interface is included
below.
CONCLUSION
This digital barometer system described herein is an
excellent example of a sensing system using solid state
components and software to accurately measure barometric
pressure. This system serves as a foundation from which
more complex systems can be developed. The MPXM2102A
series
pressure
sensors
provide
the
calibration
and
temperature compensation necessary to achieve the desired
accuracy and interface simplicity for barometric pressure
sensing applications.
MC68HC11
MOSI
SCK
DIGIT1
DIGIT2
DIGIT3
DIGIT4
BP
BP
VDD
BP IN
BP OUT
OSC IN
OUT 33
DATA
CLOCK
VSS
OUT1
MC145453
+5 V
20
1
Figure 4. LCD Display Interface Diagram
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com