Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 442 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 442 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 438Page - Motorola, Inc MPXM2202AS Datasheet HTML 439Page - Motorola, Inc MPXM2202AS Datasheet HTML 440Page - Motorola, Inc MPXM2202AS Datasheet HTML 441Page - Motorola, Inc MPXM2202AS Datasheet HTML 442Page - Motorola, Inc MPXM2202AS Datasheet HTML 443Page - Motorola, Inc MPXM2202AS Datasheet HTML 444Page - Motorola, Inc MPXM2202AS Datasheet HTML 445Page - Motorola, Inc MPXM2202AS Datasheet HTML 446Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 670 page
background image
AN1326
3–296
Motorola Sensor Device Data
www.motorola.com/semiconductors
*
Purpose is to implement a Look–Up conversion
*
The BCD is used to index off of TABLE
*
where the appropriate hex code to display
*
that decimal digit is contained.
*
DIGIT4,3,2 are converted only.
LOOKUP
LDX
#DIGIT1+4
* Counter starts at 5
TABLOOP
DEX
* Start with Digit4
LDY
#TABLE
* Loads table base into Y–pointer
LDAB
0,X
* Loads current digit into B
ABY
* Adds to base to index off TABLE
LDAA
0,Y
* Stores HEX segment result in A
STAA
0,X
CPX
#DIGIT2
* Loop condition complete, DIGIT2 Converted
BNE
TABLOOP
RTS
*
Subroutine SPI2LCD
*
Purpose is to output digits to LCD via SPI
*
The format for this is to send a start byte,
*
four digits, and a stop byte. This system
*
will have 3 significant digits: blank digit
*
and three decimal digits.
*
Sending LCD Start Byte
SPI2LCD
LDX
#REGBASE
LDAA
SPSR,X
* Reads to clear SPIF flag
LDAA
#$02
* Byte, no colon, start bit
BSR
TRANSFER
* Transmit byte
*
Initializing decimal point & blank digit
LDAA
DIGIT3
* Sets MSB for decimal pt.
ORA
#$80
* after digit 3
STAA
DIGIT3
LDAA
#$00
* Set 1st digit as blank
STAA
DIGIT1
*
Sending four decimal digits
LDY
#DIGIT1
* Pointer set to send 4 bytes
DLOOP
LDAA
0,Y
* Loads digit to be x–mitted
BSR
TRANSFER
* Transmit byte
INY
* Branch until both bytes sent
CPY
#DIGIT4+1
BNE
DLOOP
*
Sending LCD Stop Byte
LDAA
#$00
* end byte requires all 0’s
BSR
TRANSFER
* Transmit byte
RTS
*
Subroutine TRANSFER
*
Purpose is to send data bits to SPI
*
and wait for conversion complete flag bit to be set.
TRANSFER LDX
#REGBASE
BCLR
PORTD,X #$20
* Assert SS Line to start X–misssion
STAA
SPDR,X
* Load Data into Data Reg.,X–mit
XMIT
BRCLR
SPSR,X
#$80 XMIT * Wait for flag
BSET
PORTD,X #$20
* DISASSERT SS Line
LDAB
SPSR,X
* Read to Clear SPI Flag
RTS
*
Location for FCB memory for look–up table
*
There are 11 possible digits: blank, 0–9
TABLE
FCB
$7E,$30,$6D,$79,$33,$5B,$5F,$70,$7F,$73,$00
END
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com