Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 447 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 447 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 443Page - Motorola, Inc MPXM2202AS Datasheet HTML 444Page - Motorola, Inc MPXM2202AS Datasheet HTML 445Page - Motorola, Inc MPXM2202AS Datasheet HTML 446Page - Motorola, Inc MPXM2202AS Datasheet HTML 447Page - Motorola, Inc MPXM2202AS Datasheet HTML 448Page - Motorola, Inc MPXM2202AS Datasheet HTML 449Page - Motorola, Inc MPXM2202AS Datasheet HTML 450Page - Motorola, Inc MPXM2202AS Datasheet HTML 451Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 670 page
background image
3–301
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1516
Liquid Level Control Using a
Motorola Pressure Sensor
Prepared by: JC Hamelain
Toulouse Pressure Sensor Laboratory
Semiconductor Products Sector, Toulouse, France
INTRODUCTION
Motorola Discrete Products provides a complete solution
for designing a low cost system for direct and accurate liquid
level control using an ac powered pump or solenoid valve.
This circuit approach which exclusively uses Motorola
semiconductor parts, incorporates a piezoresistive pressure
sensor with on–chip temperature compensation and a new
solid–state relay with an integrated power triac, to drive
directly the liquid level control equipment from the domestic
110/220 V 50/60 Hz ac main power line.
PRESSURE SENSOR DESCRIPTION
The MPXM2000 Series pressure sensor integrates
on–chip, laser–trimmed resistors for offset calibration and
temperature compensation. The pressure sensitive element
is a patented, single piezoresistive implant which replaces the
four resistor Wheatstone bridge traditionally used by most
pressure sensor manufacturers.
MPAK AXIAL PORT
CASE 1320A
Depending on the application and pressure range, the sensor
may be chosen from the following portfolio. For this application
the MPXM2010GS was selected.
Device
Pressure Range
Application Sensitivity*
MPXM2010GS
0 to 10 kPa
± 0.01 kPa (1 mm H2O)
MPXM2053GS
0 to 50 kPa
± 0.05 kPa (5 mm H2O)
MPXM2102GS
0 to 100 kPa
± 0.1 kPa (10 mm H2O)
MPXM2202GS
0 to 200 kPa
± 0.2 kPa (20 mm H2O)
* after proper gain adjustment
Pin 3
RS1
Rp
X–ducer
Roff1
Pin 2
Pin 4
+ Vout
– Vout
Laser Trimmed On–Chip
RS2
Pin 1
Roff2
+ VS
R1
R2
Figure 1. Pressure Sensor MPXM2000 Series
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com