Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 450 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 450 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 446Page - Motorola, Inc MPXM2202AS Datasheet HTML 447Page - Motorola, Inc MPXM2202AS Datasheet HTML 448Page - Motorola, Inc MPXM2202AS Datasheet HTML 449Page - Motorola, Inc MPXM2202AS Datasheet HTML 450Page - Motorola, Inc MPXM2202AS Datasheet HTML 451Page - Motorola, Inc MPXM2202AS Datasheet HTML 452Page - Motorola, Inc MPXM2202AS Datasheet HTML 453Page - Motorola, Inc MPXM2202AS Datasheet HTML 454Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 670 page
background image
AN1516
3–304
Motorola Sensor Device Data
www.motorola.com/semiconductors
RG = 500
Ω
R1, R2 = 100 k
R5, R7 = 100 k
R3, R4 . . . R6 = 10 k
R9 . . . R11 = 10 k
R8 = 100
Roff = 25 k var
a1 . . . a4 = 1/4 MC33179
D1 = MLED76
MC7808ac = REGL 8 VDC
TR = TRANSFORMER 220:12 V
C1 = 40
µF 40 V
Offset Adjust
Reference ADJ
Roff
R10
R11
R9
R7
R3
R4
R2
R1
RG
32
4
1
5
6 –
+
a2
a1
2
1
3+
–
4
7
11
Gain ADJ
+
+
–
10
9
8
TP1
TP2
+ 12
– 13
a3
a4
14
TP3
R6
R8
D1
R
C
Motor
N
P
L
TR
220 VAC
+8 VDC
C1
MPXM2010GS
R5
MC78L08
MOC2A60
Figure 4. Electrical Circuit
Liquid
Level
Pressure
Sensing
(TP1)
Trigger
Voltage
(TP3)
Pump
Voltage (AC220V)
Max
Min
7 V
0
4.3 V
0.4 V Ref (TP2)
3.7 V
Sensing for minimum level (pumping into the tank)
The sensing probe is tied to the positive pressure port of the sensor. The pump is turned on to fill the tank when the minimum level is reached.
Figure 5. Functional Diagram
10 mm
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com