Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 484 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 484 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 480Page - Motorola, Inc MPXM2202AS Datasheet HTML 481Page - Motorola, Inc MPXM2202AS Datasheet HTML 482Page - Motorola, Inc MPXM2202AS Datasheet HTML 483Page - Motorola, Inc MPXM2202AS Datasheet HTML 484Page - Motorola, Inc MPXM2202AS Datasheet HTML 485Page - Motorola, Inc MPXM2202AS Datasheet HTML 486Page - Motorola, Inc MPXM2202AS Datasheet HTML 487Page - Motorola, Inc MPXM2202AS Datasheet HTML 488Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 484 / 670 page
background image
AN1551
3–338
Motorola Sensor Device Data
www.motorola.com/semiconductors
The Motorola MPX2010 (see Table 1) is a calibrated and
temperature compensated, 10 kPa (full–scale), pressure
sensor device. The data sheet specifies a full–scale output of
25 mV at a 10 V supply voltage, for an applied pressure of 10
kPa. This same device can be pulsed at 40 V at a 10%
duty–cycle and produce either 100 mV for the same 10 kPa
pressure or 25 mV for only 2.5 kPa of pressure. This technique
allows a four–fold increase in the signal level for the rated
full–scale pressure of 10 kPa or the ability to maintain the
same signal level for a pressure that is four times lower (2.5
kPa).
Although the idea is relatively simple, the key to providing a
low–cost smart sensing solution is in both the hardware and
software implementation of this system. In the case of the
micropower application, having a “stand–alone” analog
sensing solution was a key criteria. As such, this design used
micropower op–amps, analog CMOS switches, gated timers
(one to control pulsed sensor excitation and one to control
sample–and–hold
function),
and
capacitive
sample–and–hold circuitry. The effect was a very low–current
drain, micropower sensor solution. Since low–power, rather
than low–pressure, was the driving design goal, errors
induced by power supply variation, temperature drift, and
device–to–device tolerances were not critical. Not that these
issues are not important for all applications, but for
low–pressure sensing, even small temperature drifts, device
parameter tolerances, and power supply variations cause
significant errors as a percentage of the sensor output signal.
It
should
be
apparent
that
the
“gated–timer
pulsing/sample–and–hold”
system
architecture
can
be
equally well employed to pulse at higher voltages for
increased sensitivity. However, a low–cost MCU can also
accomplish the functions of providing a control pulse to a
switching circuit (for the pulsed sensor excitation) and
affecting a synchronized sample–and–hold feature via
software control of an on–chip A/D converter. In addition, the
MCU has the capability to implement other “smart” features
that can lend the additional required accuracy and
functionality
desired
for
many
low–pressure
sensing
applications. The system design intended for low–pressure
applications, as well as the performance–enhancing features
of pulsed excitation for increased sensitivity, signal averaging,
software calibration, and software power supply rejection are
presented.
The
added
functionality
of
intelligent
communications capability and serial digital output flexibility
are also discussed.
Of course, these features lead to increased performance at
conventional, or even high–pressure ranges. Nonetheless,
these features have been developed in the context of
low–pressure sensing where the performance benefits are a
requisite of the application. Also, driving acceptance of this
system technology is a much easier task when coupled to
providing a sensing capability and level of functionality that is
otherwise not available in the industry today. Who would have
suspected that a viable smart sensing technology would have
resulted from the pursuit of addressing the low–pressure
sensing market? Significant pieces of this system solution are
protected intellectual property. Motorola holds several key
patents on using pulsed excitation for semiconductor sensors
and has filed several others regarding other portions and
future enhancements to this technology.
Table 1. MPX2010 Operating Characteristics (Supply Voltage = 10 Vdc, TA = 25°C unless otherwise noted)
Characteristic
Min
Typ
Max
Unit
Pressure Range
0
—
10
kPa
Supply Voltage
—
10
16
Vdc
Supply Current
—
6.0
—
mAdc
Full Scale Span (FSS)
24
25
26
mV
Zero–Pressure Offset
–1.0
—
1.0
mV
Sensitivity
—
2.5
—
mV/kPa
Linearity
–1.0
—
1.0
%VFSS
Pressure Hysteresis (0 to 10 kPa)
—
±0.1
—
%VFSS
Temperature Hysteresis (– 40
°C to +125°C)
—
±0.5
—
%VFSS
Temperature Effect on Full Scale Span
–1.0
—
1.0
%VFSS
Temperature Effect on Offset (0
°C to 85°C)
–1.0
—
1.0
mV
Input Impedance
1300
—
2550
Ω
Output Impedance
1400
—
3000
Ω
Response Time (10% to 90%)
—
1.0
—
ms
Temperature Error Band
0
—
85
°C
Offset Stability
—
±0.5
—
%VFSS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com