Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 486 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 486 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 482Page - Motorola, Inc MPXM2202AS Datasheet HTML 483Page - Motorola, Inc MPXM2202AS Datasheet HTML 484Page - Motorola, Inc MPXM2202AS Datasheet HTML 485Page - Motorola, Inc MPXM2202AS Datasheet HTML 486Page - Motorola, Inc MPXM2202AS Datasheet HTML 487Page - Motorola, Inc MPXM2202AS Datasheet HTML 488Page - Motorola, Inc MPXM2202AS Datasheet HTML 489Page - Motorola, Inc MPXM2202AS Datasheet HTML 490Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 670 page
background image
AN1551
3–340
Motorola Sensor Device Data
www.motorola.com/semiconductors
• high–side switch pulsing circuitry
• signal–conditioning amplifier interface with resistors to ad-
just the sensor’s amplified, full–scale span and zero–pres-
sure offset
• on–chip resources of a complete 8–bit microcontroller
(MCU)
• MCU oscillator circuitry (4 MHz)
• 5 V ±5% linear voltage regulator
• low–voltage inhibit (LVI) supervisory voltage monitoring cir-
cuit
• resistor divider connected to the sensor’s power supply bias
to sense the excitation voltage across the sensor
These subsystems are explained as follows to provide an
understanding of the system design and its intelligent features
(refer to Figure 2).
Pulsing Circuitry
As previously mentioned, the sensor’s output is ratiometric
to the excitation voltage across the sensing element; the
sensor’s sensitivity increases with increasing supply voltage.
Thus, to detect low pressures and minute changes in
pressure, it is desirable to operate the sensor at the highest
possible excitation voltage. The maximum supply voltage at
which the sensor can reliably operate is determined by one or
both of the following two limitations: (1) maximum allowable
sensor die temperature, (2) maximum supply voltage
available in the sensing application/system.
In terms of thermal/power dissipation, the maximum voltage
that can be supplied to the sensor on a continuous basis is
relatively low compared to that which can be pulsed on the
sensor at a low duty–cycle. The average power that is
dissipated in the sensor is the square of the average sensor
excitation voltage divided by the input resistance of the
sensor. When the sensor’s supply bias is operated in a pulsed
fashion, the average excitation voltage is simply the product
of the dc supply voltage used and the percent duty–cycle that
the dc voltage is “on.”
The pulsing circuitry is a high–side switch (two small–signal
switching transistors with associated bias resistors) that is
controlled via the output compare (TCMP) pin of the MCU. The
output compare timer function of the MCU provides a
logic–level pulse waveform to the switch that has a 2–ms
period
and
a
200–
µs
on–time
(
Note:
this
is
user–programmable).
Figure 2. System Schematic
Signal Conditioning
Even with pulsing at a relatively high supply voltage, the
pressure sensing element still has a full–scale output that is
only on the order of tens of millivolts. To input this signal to the
A/D converter of the MCU, the sensing element output must be
amplified to allow adequate digital resolution. A basic
two–operational amplifier signal–conditioning circuit is used to
provide
the
following
desired
characteristics
of
an
instrumentation amplifier interface:
• high input impedance
• low output impedance
• differential to single–ended conversion of the pressure sen-
sor signal
• moderate gain capability
Both the nominal gain and offset reference pedestal of this
interface circuit can be adjusted to fit a given distribution of
sensor devices. Varying the gain and offset reference pedestal
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com