Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 544 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 544 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 540Page - Motorola, Inc MPXM2202AS Datasheet HTML 541Page - Motorola, Inc MPXM2202AS Datasheet HTML 542Page - Motorola, Inc MPXM2202AS Datasheet HTML 543Page - Motorola, Inc MPXM2202AS Datasheet HTML 544Page - Motorola, Inc MPXM2202AS Datasheet HTML 545Page - Motorola, Inc MPXM2202AS Datasheet HTML 546Page - Motorola, Inc MPXM2202AS Datasheet HTML 547Page - Motorola, Inc MPXM2202AS Datasheet HTML 548Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 544 / 670 page
background image
AN1950
3–398
Motorola Sensor Device Data
www.motorola.com/semiconductors
Table 2: Parts List
Ref
Qty.
Description
Value
Vendor
Part No.
U2
1
Pressure Sensor
1
Motorola
MPXM2010GS
C1
1
Vcc Cap
0.1uF
Generic
C2
1
Op–Amp Cap
0.1uF
Generic
C3
1
Shift Register Cap
0.1uF
Generic
D1
1
Red LED
Generic
D2
1
Green LED
Generic
S2,S3
2
Pushbuttons
Generic
U1
1
Quad Op–Amp
ADI
AD8544
U3
1
Voltage Regulator
5V
Fairchild
LM78L05ACH
U4
1
Microcontroller
8pin
Motorola
MC68HC908QT4
R1
1
¼ W Resister
22K
Generic
R2
1
¼ W Resister
2.4K
Generic
R3,R6
2
¼ W Resister
1.2M
Generic
R4,R5
2
¼ W Resister
1.5K
Generic
R7,R8
2
¼ W Resister
10K
Generic
R9,R10
2
¼ W Resister
1K
Generic
U6
1
LCD (Optional)
16x2
Seiko
L168200J000
U5
1
Shift Register
Texas Instruments
74HC164
Smart Washer Software
This application note describes the first software version
that was available. However updated software versions may
be available with further functionality and menu selections.
Software User Instructions
When the system is turned on or reset, the microcontroller
will flash the select LED and display the program title on the
LCD for 5 seconds or until the select (SEL) button is pushed.
Then the menu screen is displayed. Using the select (SEL)
pushbutton, the user can scroll through the menu options for
a software program. To run the water level program, use the
select button to highlight the “Water Level” option, then press
the enter (ENT) pushbutton. The Water Level program will
display current water level, the rate of flow, a message if the
container is “FILLING”, “EMPTYING”, “FULL”, or “EMPTY”,
and a scrolling graphical history displaying data points
representing the past forty level readings.
The Water Level is displayed by retrieving the digital voltage
from the internal A/D Converter. This voltage is converted to
pressure in millimeters of water and then displayed on the
LCD.
Calibration and Calibration Software
To calibrate the system, a two–point calibration is
performed. The sensor will take a calibration point at 0mm and
at 40mm of water. Hold down both the SEL and ENT buttons
on system power–up to enter calibration mode. At this point,
the calibration menu will be displayed with the previously
sampled offset voltage. To recalibrate the system, expose the
sensor to atmospheric pressure and press the SEL button
(PB1). At this point, the zero offset voltage will be sampled and
saved to a location in the microcontroller memory. To obtain
the second calibration point, place the end of the plastic tube
from the pressure sensor to the bottom of a container holding
40mm of water. Then press the ENT button (PB2). The
voltage output will be sampled, averaged and saved to a
location in memory. To exit the calibration mode, press the
SEL (PB1) button.
Figure 4. Water level system set–up for demonstration
–40 cm
–35 cm
–30 cm
–25 cm
–20 cm
–15 cm
–10 cm
– 5 cm
Converting Pressure to Water Level
Hydrostatic Pressure that we are measuring is the pressure
at the bottom of a column of fluid caused by the weight of the
fluid and the pressure of the air above the fluid. Therefore, the
hydrostatic pressure depends on the air pressure, the fluid
density and the height of the column of fluid.
P= Pa +
ρ g ∆h
where P = pressure
Pa = pressure
ρ = mass density of fluid
g = 9.8066 m/s^2
h = height of fluid column
To calculate the water height, we can use the measured
pressure
with
the
following
equation,
assuming
the
atmospheric pressure is already compensated for by the
selection of the pressure sensor being gauge:
∆h = P \ ρ g
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com