Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 545 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 545 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 541Page - Motorola, Inc MPXM2202AS Datasheet HTML 542Page - Motorola, Inc MPXM2202AS Datasheet HTML 543Page - Motorola, Inc MPXM2202AS Datasheet HTML 544Page - Motorola, Inc MPXM2202AS Datasheet HTML 545Page - Motorola, Inc MPXM2202AS Datasheet HTML 546Page - Motorola, Inc MPXM2202AS Datasheet HTML 547Page - Motorola, Inc MPXM2202AS Datasheet HTML 548Page - Motorola, Inc MPXM2202AS Datasheet HTML 549Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 670 page
background image
AN1950
3–399
Motorola Sensor Device Data
www.motorola.com/semiconductors
Software Function Descriptions
Main Function
The main function calls an initialization function “ALLINIT”,
calls a warm–up function “WARMUP” to allow extra time for
the lcd to initialize, then checks if buttons PB1 and PB2 are
being pressed.
If they are both pressed, then it calls a
calibration function “CALIB”. If they are not both pressed, then
it enters the main function loop. The main loop displays the
menu, moves the cursor when the PB1 is pressed and enters
the function corresponding to the highlighted menu option
when PB2 is pressed.
Calibration Function
The calibration function is used to obtain two calibration
points. The first calibration point is taken when the head tube
is not placed in water to obtain the pressure for 0mm of water.
The second calibration point is obtained when the head tube
is placed at the bottom of a container with a height of 160mm.
When the calibration function starts, a message appears
displaying the A/D values for the corresponding calibration
points currently stored in the flash. To program new calibration
points, the user must press PB1 to take 256 A/D readings at
0mm of water. The average is calculated and stored in a page
of flash. Then the user has the option to press PB1 to exit the
calibration function or obtain the second calibration point. To
obtain the second calibration point, the head tube should be
placed in 160mm of water and then the user should press PB2
to take 256 A/D readings. The average is taken and stored in
a page of flash. Once the two readings have been taken,
averaged, and stored in the flash, a message displays the two
A/D values that were stored.
Level Function
The Level function will initialize the graphics characters.
Once this is complete, it will continue looping to obtain an
average A/D reading and display the Water Level, the Water
Flow, and a Graphical History until the user presses and holds
both PB1 and PB2 to return to the main function.
The function first clears the 40 pressure readings that it will
be updating for the Graphical History. It then enters the loop
which first displays 8 special characters, each containing 5
data points of water level history. The function “adcbyta” is
called to obtain the current averaged A/D value. The function
“LfNx” is called to convert the A/D value to a water level, which
is then compared to the Calibration points, the maximum and
minimum points, to determine if the container is full or empty.
If true, then it displays the corresponding message.
The
current water level is compared to the previous read and
displays the message “filling” if it has increased, “emptying” if
it has decreased, and “steady” if it has not changed.
The water level calculation has to be converted to decimal
in order to display it in the LCD. To convert the water level
calculation to decimal, the value is continually divided with the
remainder displayed to the screen for each decimal place. To
display the Rate of Water Flow, the sign of the value is first
determined. If the value is negative, the one’s complement is
taken, a negative sign is displayed, and then the value is
continually divided to display each decimal place.
If the
number is positive, a plus sign is displayed to maintain the
display alignment and the value is continually divided to
display each decimal place.
The most complicated part of this function is updating the
graphics history display. The characters for the 16x2 LCD that
were chosen for this reference design are 8x5 pixels by
default. Therefore, each special character that is created will
be able to display 5 water level readings. Since the height of
the special character is 8 pixel, each vertical pixel position will
represent a water level in increments of 20mm.
Resolution = (H1 – H0) / D
where H1 and H2 are the maximum and minimum
water levels respectively and D is the possible
datapoints available per character.
Resolution = (160mm – 0mm) / 8 = 20mm / data point.
The graphical history is displayed using the 8 special
characters. To update the graphics, all the characters have to
be updated. The characters are updated by first positioning
a pixel for the most recent water level reading in the first
column of the first character. Then the four right columns of
the first character are shifted to the right. The pixel in the last
column of that character is then carried to the first column of
the next character. This column shifting is continued until all
40 data points have been updated in the 8 special characters.
LfNx Function
The LfNx function calculates the water level from the current
A/D pressure reading. The A/D Pressure value is stored in
Register A before this function is called. Using the A/D value
and the calibration values stored in the flash, the water level
is calculated from the following function:
RBRA: = (NX – N1) * 160 / (N2 – N1),
where NX is the current A/D Value
N1 is the A/D Value at 0mm H20
N2 is the A/D Value at 160mm H20
To simplify the calculation, the multiplication is done first.
Then the function “NdivD” is called to divide the values.
NdivD Function
The “NdivD” function performs a division by counting
successive subtractions of the denominator from the
numerator to determine the quotient. The denominator is
subtracted from the numerator until the result is zero. If there
is an overflow, the remainder from the last subtraction is the
remainder of the division.
wrflash and ersflsh Functions
The “wrflash” and “ersflsh” functions are used to write to and
erase values from the flash. For more information regarding
flash functionality, refer to Section 4. Flash Memory from the
MC68HC908QY4/D Databook.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com