Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 625 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 625 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 621Page - Motorola, Inc MPXM2202AS Datasheet HTML 622Page - Motorola, Inc MPXM2202AS Datasheet HTML 623Page - Motorola, Inc MPXM2202AS Datasheet HTML 624Page - Motorola, Inc MPXM2202AS Datasheet HTML 625Page - Motorola, Inc MPXM2202AS Datasheet HTML 626Page - Motorola, Inc MPXM2202AS Datasheet HTML 627Page - Motorola, Inc MPXM2202AS Datasheet HTML 628Page - Motorola, Inc MPXM2202AS Datasheet HTML 629Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 625 / 670 page
background image
MC145010
4–33
Motorola Sensor Device Data
www.motorola.com/semiconductors
CALIBRATION
To facilitate checking the sensitivity and calibrating smoke
detectors, the MC145010 can be placed in a calibration
mode. In this mode, certain device pins are controlled/recon-
figured as shown in Table 1. To place the part in the calibra-
tion mode, pin 16 (Test) must be pulled below the VSS pin
with 100
µA continuously drawn out of the pin for at least one
cycle on the OSC pin. To exit this mode, the Test pin is
floated for at least one OSC cycle.
In the calibration mode, the IRED pulse happens at every
clock cycle and strobe is always on (active low). Also, Low
Battery and supervisory tests are disabled in this mode.
Table 1. Configuration of Pins in the Calibration Mode
Description
Pin
Comment
I/O
7
Disabled as an output. Forcing this pin high places the photo amp output on pin 1 or 2, as determined by
Low–Supply Trip. The amp’s output appears as pulses and is referenced to VDD.
Low–Supply Trip
15
If the I/O pin is high, pin 15 controls which gain capacitor is used. Low: normal gain, amp output on pin 1.
High: supervisory gain, amp output on pin 2.
Feedback
10
Driving this input high enables hysteresis (10% gain increase) in the photo amp; pin 15 must be low.
OSC
12
Driving this input high brings the internal clock high. Driving the input low brings the internal clock low. If
desired, the RC network for the oscillator may be left intact; this allows the oscillator to run similar to the
normal mode of operation.
Silver
9
This pin becomes the smoke comparator output. When the OSC pin is toggling, positive pulses indicate
that smoke has been detected. A static low level indicates no smoke.
Brass
8
This pin becomes the smoke integrator output. That is, 2 consecutive smoke detections are required for
“on” (static high level) and 2 consecutive no–detections for “off” (static low level).
NOTES: Illustration is bottom view of layout using a DIP. Top view for SOIC layout is mirror image.
Optional potentiometer R9 is not included.
Drawing is not to scale.
Leads on D2, R11, R8, and R10 and their associated traces must be kept as short as possible.
This practice minimizes noise pick up.
Pin 3 must be decoupled from all other traces.
Figure 6. Recommended PCB Layout
DO NOT RUN ANY
ADDITIONAL TRACES
IN THIS REGION
PIN 8
PIN 16
PIN 9
PIN 1
C1
R14
R11
D2
R8
MOUNTED IN
CHAMBER
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com