Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 628 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 628 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 624Page - Motorola, Inc MPXM2202AS Datasheet HTML 625Page - Motorola, Inc MPXM2202AS Datasheet HTML 626Page - Motorola, Inc MPXM2202AS Datasheet HTML 627Page - Motorola, Inc MPXM2202AS Datasheet HTML 628Page - Motorola, Inc MPXM2202AS Datasheet HTML 629Page - Motorola, Inc MPXM2202AS Datasheet HTML 630Page - Motorola, Inc MPXM2202AS Datasheet HTML 631Page - Motorola, Inc MPXM2202AS Datasheet HTML 632Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 628 / 670 page
background image
MC145011
4–36
Motorola Sensor Device Data
www.motorola.com/semiconductors
ELECTRICAL CHARACTERISTICS (TA = – 10 to 60°C Unless Otherwise Indicated, Voltages Referenced to VSS)
Symbol
Parameter
Test Condition
VDD
V
Min
Max
Unit
VDD
Power Supply Voltage Range
—
6.0
12
V
VTH
Supply Threshold Voltage, Low–Supply
Alarm
Low–Supply Trip: Vin = VDD/3
—
6.5
7.8
V
IDD
Average Operating Supply Current,
Excluding the Visible LED Current
(per Package)
Standby
Configured per Figure 5
12.0
—
12
µA
iDD
Peak Supply Current , Excluding the
Visible LED Current (per Package)
During Strobe On, IRED Off
Configured per Figure 5
12.0
—
2.0
mA
During Strobe On, IRED On
Configured per Figure 5
12.0
—
3.0
VIL
Low–Level Input Voltage
I/O
Feedback
Test
9.0
9.0
9.0
—
—
—
1.5
2.7
7.0
V
VIH
High–Level Input Voltage
I/O
Feedback
Test
9.0
9.0
9.0
3.2
6.3
8.5
—
—
—
V
Iin
Input Current
Osc, Detect
Low–Supply Trip
Feedback
Vin = VSS or VDD
Vin = VSS or VDD
Vin = VSS or VDD
12.0
12.0
12.0
—
—
—
± 100
± 100
± 100
nA
IIL
Low–Level Input Current
Test
Vin = VSS
12.0
—
– 1
µA
IIH
Pull–Down Current
Test
I/O
Vin = VDD
No Local Smoke, Vin = VDD
No Local Smoke, Vin = 17 V
9.0
9.0
12.0
0.5
25
—
10
100
140
µA
VOL
Low–Level Output Voltage
LED
Silver, Brass
Iout = 10 mA
Iout = 16 mA
6.5
6.5
—
—
0.6
1.0
V
VOH
High–Level Output Voltage
Silver, Brass
Iout = – 16 mA
6.5
5.5
—
V
Vout
Output Voltage
Strobe
(For Line Regulation, see Pin
Descriptions)
Inactive, Iout = –1 µA
Active, Iout = 100 µA to 500 µA
(Load Regulation)
—
9.0
VDD – 0.1
VDD – 4.4
—
VDD – 5.6
V
IRED
Inactive, Iout = 1 µA
Active, Iout = 6 mA
(Load Regulation)
—
9.0
—
2.25*
0.1
3.75*
IOH
High–Level Output Current
I/O
Local Smoke, Vout = 4.5 V
6.5
– 4
—
mA
Local Smoke, Vout = VSS
(Short Circuit Current)
12.0
—
– 16
IOZ
Off–State Output Leakage Current
LED
Vout = VSS or VDD
12.0
—
± 1
µA
VIC
Common Mode
C1, C2, Detect
Voltage Range
Local Smoke, Pushbutton Test, or
Chamber Sensitivity Test
—
VDD – 4
VDD – 2
V
Vref
Smoke Comparator
Internal
Reference Voltage
Local Smoke, Pushbutton Test, or
Chamber Sensitivity Test
—
VDD – 3.08 VDD – 3.92
V
*TA = 25°C only.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com