Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 630 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 630 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 626Page - Motorola, Inc MPXM2202AS Datasheet HTML 627Page - Motorola, Inc MPXM2202AS Datasheet HTML 628Page - Motorola, Inc MPXM2202AS Datasheet HTML 629Page - Motorola, Inc MPXM2202AS Datasheet HTML 630Page - Motorola, Inc MPXM2202AS Datasheet HTML 631Page - Motorola, Inc MPXM2202AS Datasheet HTML 632Page - Motorola, Inc MPXM2202AS Datasheet HTML 633Page - Motorola, Inc MPXM2202AS Datasheet HTML 634Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 630 / 670 page
background image
MC145011
4–38
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 1. AC Characteristics versus Supply
PULSE WIDTH OF IRED
PERIOD OR PULSE WIDTH
OF OTHER PARAMETERS
VDD, POWER SUPPLY VOLTAGE (V)
1.02
0.98
0.96
1.00
1.04
6.0
7.0
8.0
9.0
10.0
11.0
12.0
TA = 25°C
Figure 2A. AC Characteristics versus Temperature
NOTE: Includes external component variations. See Figure 2B.
PULSE WIDTH OF IRED
PERIOD OR PULSE WIDTH
OF OTHER PARAMETERS
TA, AMBIENT TEMPERATURE (°C)
– 10
0
10
20
30
40
50
60
1.02
1.01
0.99
0.98
1.00
VDD = 9.0 V
Figure 2.
Figure 2B. RC Component Variation Over Temperature
NOTE: These components were used to generate Figure 2A.
10 M
Ω CARBON COMPOSITION
100 k
Ω METAL FILM
1500 pF DIPPED MICA
TA, AMBIENT TEMPERATURE (°C)
– 10
0
10
20
30
40
50
60
1.03
1.02
1.01
1.00
0.99
0.98
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com