Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 143 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 143 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 139Page - Motorola, Inc MPXM2202AS Datasheet HTML 140Page - Motorola, Inc MPXM2202AS Datasheet HTML 141Page - Motorola, Inc MPXM2202AS Datasheet HTML 142Page - Motorola, Inc MPXM2202AS Datasheet HTML 143Page - Motorola, Inc MPXM2202AS Datasheet HTML 144Page - Motorola, Inc MPXM2202AS Datasheet HTML 145Page - Motorola, Inc MPXM2202AS Datasheet HTML 146Page - Motorola, Inc MPXM2202AS Datasheet HTML 147Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 670 page
background image
2–107
Motorola Sensor Device Data
www.motorola.com/semiconductors
Case Outlines
CASE 475–01
ISSUE B
16 LEAD SOIC
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSIONS ”A” AND ”B” DO NOT INCLUDE
MOLD FLASH OR PROTRUSIONS. MOLD FLASH
OR PROTRUSIONS SHALL NOT EXCEED 0.15
PER SIDE.
4. DIMENSION ”D” DOES NOT INCLUDE DAMBAR
PROTRUSION. PROTRUSIONS SHALL NOT
CAUSE THE LEAD WIDTH TO EXCEED 0.75
DIM
MIN
MAX
MILLIMETERS
A
10.15
10.45
B
7.40
7.60
C
3.30
3.55
D
0.35
0.49
F
0.76
1.14
G
1.27 BSC
J
0.25
0.32
K
0.10
0.25
M
0
7
P
10.16
10.67
R
0.25
0.75
__
18
16
9
P
2 PLACES, 16 TIPS
D
16X
A
0.15
B
T
A
M
0.13
B
T
C
K
R X 45
_
J
F
M
SEATING
PLANE
A
B
A
B
T
G
G/2
0.1
CASE 475A–01
ISSUE O
20 LEAD SOIC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER
SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN
EXCESS OF D DIMENSION AT MAXIMUM
MATERIAL CONDITION.
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
12.67
12.96
0.499
0.510
B
7.40
7.60
0.292
0.299
C
3.30
3.55
0.130
0.140
D
0.35
0.49
0.014
0.019
F
0.76
1.14
0.030
0.045
G
1.27 BSC
0.050 BSC
J
0.25
0.32
0.010
0.012
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
10.16
10.67
0.400
0.420
R
0.25
0.75
0.010
0.029
_
___
110
20
11
–T–
–B–
–A–
P10 PL
D 16 PL
M
A
M
0.13 (0.005)
B M
T
M
A
M
0.13 (0.005)
B M
T
C
K
G
R X 45
_
J
F
M
SEATING
PLANE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com