Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 145 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 145 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 141Page - Motorola, Inc MPXM2202AS Datasheet HTML 142Page - Motorola, Inc MPXM2202AS Datasheet HTML 143Page - Motorola, Inc MPXM2202AS Datasheet HTML 144Page - Motorola, Inc MPXM2202AS Datasheet HTML 145Page - Motorola, Inc MPXM2202AS Datasheet HTML 146Page - Motorola, Inc MPXM2202AS Datasheet HTML 147Page - Motorola, Inc MPXM2202AS Datasheet HTML 148Page - Motorola, Inc MPXM2202AS Datasheet HTML 149Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 670 page
background image
2–109
Motorola Sensor Device Data
www.motorola.com/semiconductors
Accelerometer Glossary of Terms
Acceleration
Change in velocity per unit time.
Acceleration Vector
Vector describing the net acceleration acting upon the device.
Frequency Bandwidth
The accelerometer output frequency range.
g
A unit of acceleration equal to the average force of gravity occurring at the earth’s surface.
A g is approximately equal to 32.17 ft/s2 or 9.807 m/s2.
Nonlinearity
The maximum deviation of the accelerometer output from a point–to–point straight line
fitted to a plot of acceleration vs. output voltage. This is determined as the percentage of
the full–scale output (FSO) voltage at full–scale acceleration (40g).
Ratiometric
The variation of the accelerometer’s output offset and sensitivity linearly proportional to
the variation of the power supply voltage.
Sensitivity
The change in output voltage per unit g of acceleration applied. This is specified in mV/g.
Sensitive Axis
The most sensitive axis of the accelerometer. On the DIP package, acceleration is in the
direction perpendicular to the top of the package (positive acceleration going into the
device). On the SIP package, acceleration is in the direction perpendicular to the pins.
Transverse Acceleration
Any acceleration applied 90
° to the axis of sensitivity.
Transverse Sensitivity Error
The percentage of a transverse acceleration that appears at the output. For example, if
the transverse sensitivity is 1%, then a +40 g transverse acceleration will cause a 0.4 g
signal to appear on the output. Transverse sensitivity can result from sensitivity of the
g–cell to transverse forces.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com