Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 173 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 173 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 169Page - Motorola, Inc MPXM2202AS Datasheet HTML 170Page - Motorola, Inc MPXM2202AS Datasheet HTML 171Page - Motorola, Inc MPXM2202AS Datasheet HTML 172Page - Motorola, Inc MPXM2202AS Datasheet HTML 173Page - Motorola, Inc MPXM2202AS Datasheet HTML 174Page - Motorola, Inc MPXM2202AS Datasheet HTML 175Page - Motorola, Inc MPXM2202AS Datasheet HTML 176Page - Motorola, Inc MPXM2202AS Datasheet HTML 177Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 670 page
background image
3–27
Motorola Sensor Device Data
www.motorola.com/semiconductors
50 kPa
On-Chip Temperature
Compensated & Calibrated
Silicon Pressure Sensors
The MPX2050 series device is a silicon piezoresistive pressure sensors providing a
highly accurate and linear voltage output — directly proportional to the applied pressure.
The sensor is a single, monolithic silicon diaphragm with the strain gauge and a thin–film
resistor network integrated on–chip. The chip is laser trimmed for precise span and offset
calibration and temperature compensation.
Features
• Temperature Compensated Over 0°C to +85°C
• Unique Silicon Shear Stress Strain Gauge
• Easy to Use Chip Carrier Package Options
• Ratiometric to Supply Voltage
• Differential and Gauge Options
•±0.25% Linearity (MPX2050)
Application Examples
• Pump/Motor Controllers
• Robotics
• Level Indicators
• Medical Diagnostics
• Pressure Switching
• Non–Invasive Blood Pressure Measurement
Figure 1 shows a block diagram of the internal circuitry on the stand–alone pressure
sensor chip.
Figure 1. Temperature Compensated Pressure Sensor Schematic
VS
3
SENSING
ELEMENT
THIN FILM
TEMPERATURE
COMPENSATION
AND
CALIBRATION
CIRCUITRY
2
4
Vout+
Vout–
1
GND
VOLTAGE OUTPUT versus APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the sensor is directly proportional to the differential
pressure applied.
The output voltage of the differential or gauge sensor increases with increasing
pressure applied to the pressure side (P1) relative to the vacuum side (P2). Similarly,
output voltage increases as increasing vacuum is applied to the vacuum side (P2)
relative to the pressure side (P1).
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPX2050
SERIES
0 to 50 kPa (0 to 7.25 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
PIN NUMBER
1
2
Gnd
+Vout
3
4
VS
–Vout
NOTE: Pin 1 is noted by the notch in
the lead.
MPX2050GP
CASE 344B
MPX2050GSX
CASE 344F
MPX2050D
CASE 344
MPX2050DP
CASE 344C
REV 8
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com