Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 176 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 176 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 172Page - Motorola, Inc MPXM2202AS Datasheet HTML 173Page - Motorola, Inc MPXM2202AS Datasheet HTML 174Page - Motorola, Inc MPXM2202AS Datasheet HTML 175Page - Motorola, Inc MPXM2202AS Datasheet HTML 176Page - Motorola, Inc MPXM2202AS Datasheet HTML 177Page - Motorola, Inc MPXM2202AS Datasheet HTML 178Page - Motorola, Inc MPXM2202AS Datasheet HTML 179Page - Motorola, Inc MPXM2202AS Datasheet HTML 180Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 670 page
background image
MPX2050 SERIES
3–30
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing the silicone gel
which isolates the die. The Motorola MPX pressure sensor is
designed to operate with positive differential pressure
applied, P1 > P2.
The Pressure (P1) side may be identified by using the
table below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPX2050D
344
Stainless Steel Cap
MPX2050DP
344C
Side with Part Marking
MPX2050GP
344B
Side with Port Attached
MPX2050GSX
344F
Side with Port Attached
ORDERING INFORMATION
MPX2050 series pressure sensors are available in differential and gauge configurations. Devices are available in the basic
element package or with pressure port fittings which provide printed circuit board mounting ease and barbed hose pressure
connections.
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Differential
344
MPX2050D
MPX2050D
Ported Elements
Differential, Dual Port
344C
MPX2050DP
MPX2050DP
Gauge
344B
MPX2050GP
MPX2050GP
Gauge Axial PC Mount
344F
MPX2050GSX
MPX2050D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com