Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 179 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 179 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 175Page - Motorola, Inc MPXM2202AS Datasheet HTML 176Page - Motorola, Inc MPXM2202AS Datasheet HTML 177Page - Motorola, Inc MPXM2202AS Datasheet HTML 178Page - Motorola, Inc MPXM2202AS Datasheet HTML 179Page - Motorola, Inc MPXM2202AS Datasheet HTML 180Page - Motorola, Inc MPXM2202AS Datasheet HTML 181Page - Motorola, Inc MPXM2202AS Datasheet HTML 182Page - Motorola, Inc MPXM2202AS Datasheet HTML 183Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 670 page
background image
MPX2053 MPXV2053G SERIES
3–33
Motorola Sensor Device Data
www.motorola.com/semiconductors
LINEARITY
Linearity refers to how well a transducer’s output follows
the equation: Vout = Voff + sensitivity x P over the operating
pressure range. There are two basic methods for calculating
nonlinearity: (1) end point straight line fit (see Figure 2) or (2)
a least squares best line fit. While a least squares fit gives
the “best case” linearity error (lower numerical value), the
calculations required are burdensome.
Conversely, an end point fit will give the “worst case” error
(often more desirable in error budget calculations) and the cal-
culations are more straightforward for the user. Motorola’s
specified pressure sensor linearities are based on the end
point straight line method measured at the midrange pressure.
Figure 2. Linearity Specification Comparison
LEAST
SQUARE
DEVIATION
PRESSURE (% FULLSCALE)
0
50
100
END POINT
STRAIGHT LINE FIT
EXAGGERATED
PERFORMANCE
CURVE
LEAST SQUARES FIT
STRAIGHT LINE
DEVIATION
OFFSET
ON–CHIP TEMPERATURE COMPENSATION and CALIBRATION
Figure 3 shows the minimum, maximum and typical output
characteristics of the MPX2053/MPXV2053G series at 25
°C.
The output is directly proportional to the differential pressure
and is essentially a straight line.
The effects of temperature on Full–Scale Span and Offset
are very small and are shown under Operating Characteris-
tics.
Figure 3. Output versus Pressure Differential
Figure 4. Cross–Sectional Diagram (not to scale)
kPa
PSI
40
35
30
25
15
10
5
0
–5
0
12.5
1.8
25
3.6
37.5
5.4
50
7.25
SPAN
RANGE
(TYP)
OFFSET
(TYP)
20
SILICONE
DIE COAT
WIRE BOND
LEAD FRAME
DIE
STAINLESS STEEL
METAL COVER
EPOXY
CASE
RTV DIE
BOND
P1
P2
MAX
TYP
MIN
VS = 10 Vdc
TA = 25°C
MPX2053
P1 > P2
Figure 4 illustrates the differential or gauge configuration
in the basic chip carrier (Case 344). A silicone gel isolates
the die surface and wire bonds from the environment, while
allowing the pressure signal to be transmitted to the silicon
diaphragm.
The MPX2053/MPXV2053G series pressure sensor oper-
ating characteristics and internal reliability and qualification
tests are based on use of dry air as the pressure media. Me-
dia other than dry air may have adverse effects on sensor
performance and long term reliability. Contact the factory for
information regarding media compatibility in your application.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com