Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 185 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 185 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 181Page - Motorola, Inc MPXM2202AS Datasheet HTML 182Page - Motorola, Inc MPXM2202AS Datasheet HTML 183Page - Motorola, Inc MPXM2202AS Datasheet HTML 184Page - Motorola, Inc MPXM2202AS Datasheet HTML 185Page - Motorola, Inc MPXM2202AS Datasheet HTML 186Page - Motorola, Inc MPXM2202AS Datasheet HTML 187Page - Motorola, Inc MPXM2202AS Datasheet HTML 188Page - Motorola, Inc MPXM2202AS Datasheet HTML 189Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 670 page
background image
3–39
Motorola Sensor Device Data
www.motorola.com/semiconductors
100 kPa On-Chip Temperature
Compensated & Calibrated
Silicon Pressure Sensors
The MPX2102/MPXV2102G series device is a silicon piezoresistive pressure sensor
providing a highly accurate and linear voltage output — directly proportional to the
applied pressure. The sensor is a single, monolithic silicon diaphragm with the strain
gauge and a thin–film resistor network integrated on–chip. The chip is laser trimmed for
precise span and offset calibration and temperature compensation.
Features
• Temperature Compensated Over 0°C to +85°C
• Easy–to–Use Chip Carrier Package Options
• Available in Absolute, Differential and Gauge Con-
figurations
• Ratiometric to Supply Voltage
Application Examples
• Pump/Motor Controllers
• Robotics
• Level Indicators
• Medical Diagnostics
• Pressure Switching
• Barometers
• Altimeters
Figure 1 illustrates a block diagram of the internal
circuitry on the stand–alone pressure sensor chip.
Figure 1. Temperature Compensated Pressure
Sensor Schematic
VS
3
SENSING
ELEMENT
THIN FILM
TEMPERATURE
COMPENSATION
AND
CALIBRATION
CIRCUITRY
2
4
Vout+
Vout–
1
GND
VOLTAGE OUTPUT versus
APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the sensor is
directly proportional to the differential pressure applied.
The absolute sensor has a built–in reference vacu-
um. The output voltage will decrease as vacuum,
relative to ambient, is drawn on the pressure (P1) side.
The output voltage of the differential or gauge sensor
increases with increasing pressure applied to the
pressure (P1) side relative to the vacuum (P2) side.
Similarly, output voltage increases as increasing vacu-
um is applied to the vacuum (P2) side relative to the
pressure (P1) side.
Preferred devices are Motorola recommended choices for future use
and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPX2102
MPXV2102G
SERIES
0 to 100 kPa (0 to 14.5 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
Motorola Preferred Device
SMALL OUTLINE PACKAGE
SURFACE MOUNT
UNIBODY PACKAGE
MPX2102AP/GP
CASE 344B
MPX2102ASX/GSX
CASE 344F
PIN NUMBER
NOTE: Pin 1 is noted by the notch in
the lead.
1
2
3
Gnd
+Vout
VS
5
6
7
N/C
N/C
N/C
4–Vout
8
N/C
MPX2102A/D
CASE 344
MPX2102DP
CASE 344C
MPXV2102DP
CASE 1351
MPXV2102GP
CASE 1369
PIN NUMBER
1
2
Gnd
+Vout
3
4
VS
–Vout
NOTE: Pin 1 is noted by the notch in
the lead.
MPX2102GVP
CASE 344D
REV 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com