Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 189 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 189 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 185Page - Motorola, Inc MPXM2202AS Datasheet HTML 186Page - Motorola, Inc MPXM2202AS Datasheet HTML 187Page - Motorola, Inc MPXM2202AS Datasheet HTML 188Page - Motorola, Inc MPXM2202AS Datasheet HTML 189Page - Motorola, Inc MPXM2202AS Datasheet HTML 190Page - Motorola, Inc MPXM2202AS Datasheet HTML 191Page - Motorola, Inc MPXM2202AS Datasheet HTML 192Page - Motorola, Inc MPXM2202AS Datasheet HTML 193Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 670 page
background image
3–43
Motorola Sensor Device Data
www.motorola.com/semiconductors
200 kPa On-Chip Temperature
Compensated & Calibrated
Pressure Sensors
The MPX2200 series device is a silicon piezoresistive pressure sensor providing a
highly accurate and linear voltage output — directly proportional to the applied pressure.
The sensor is a single monolithic silicon diaphragm with the strain gauge and a thin–film
resistor network integrated on–chip. The chip is laser trimmed for precise span and
offset calibration and temperature compensation. They are designed for use in
applications such as pump/motor controllers, robotics, level indicators, medical
diagnostics, pressure switching, barometers, altimeters, etc.
Features
• Temperature Compensated Over 0°C to +85°C
•±0.25% Linearity (MPX2200D)
• Easy–to–Use Chip Carrier Package Options
• Available in Absolute, Differential and Gauge Configurations
Application Examples
• Pump/Motor Controllers
• Robotics
• Level Indicators
• Medical Diagnostics
• Pressure Switching
• Barometers
• Altimeters
Figure 1 illustrates a block diagram of the internal circuitry on the stand–alone
pressure sensor chip.
Figure 1. Temperature Compensated Pressure Sensor Schematic
VS
3
SENSING
ELEMENT
THIN FILM
TEMPERATURE
COMPENSATION
AND
CALIBRATION
CIRCUITRY
2
4
Vout+
Vout–
1
GND
VOLTAGE OUTPUT versus APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the sensor is directly proportional to the differential
pressure applied.
The absolute sensor has a built–in reference vacuum. The output voltage will
decrease as vacuum, relative to ambient, is drawn on the pressure (P1) side.
The output voltage of the differential or gauge sensor increases with increasing
pressure applied to the pressure (P1) side relative to the vacuum (P2) side. Similarly,
output voltage increases as increasing vacuum is applied to the vacuum (P2) side
relative to the pressure (P1) side.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPX2200
SERIES
0 to 200 kPa (0 to 29 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
UNIBODY PACKAGE
MPX2200AP/GP
CASE 344B
MPX2200GVP
CASE 344D
MPX2200A/D
CASE 344
MPX2200DP
CASE 344C
PIN NUMBER
1
2
Gnd
+Vout
3
4
VS
–Vout
NOTE: Pin 1 is noted by the notch in
the lead.
REV 9
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com