Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 193 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 193 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 189Page - Motorola, Inc MPXM2202AS Datasheet HTML 190Page - Motorola, Inc MPXM2202AS Datasheet HTML 191Page - Motorola, Inc MPXM2202AS Datasheet HTML 192Page - Motorola, Inc MPXM2202AS Datasheet HTML 193Page - Motorola, Inc MPXM2202AS Datasheet HTML 194Page - Motorola, Inc MPXM2202AS Datasheet HTML 195Page - Motorola, Inc MPXM2202AS Datasheet HTML 196Page - Motorola, Inc MPXM2202AS Datasheet HTML 197Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 670 page
background image
3–47
Motorola Sensor Device Data
www.motorola.com/semiconductors
200 kPa On-Chip Temperature
Compensated & Calibrated
Pressure Sensors
The MPX2202/MPXV2202G device series is a silicon piezoresistive pressure sensor
providing a highly accurate and linear voltage output — directly proportional to the
applied pressure. The sensor is a single monolithic silicon diaphragm with the strain
gauge and a thin–film resistor network integrated on–chip. The chip is laser trimmed for
precise span and offset calibration and temperature compensation. They are designed
for use in applications such as pump/motor controllers, robotics, level indicators, medical
diagnostics, pressure switching, barometers, altimeters, etc.
Features
• Temperature Compensated Over 0°C to +85°C
• Easy–to–Use Chip Carrier Package Options
• Available in Absolute, Differential and Gauge Con-
figurations
Application Examples
• Pump/Motor Controllers
• Robotics
• Level Indicators
• Medical Diagnostics
• Pressure Switching
• Barometers
• Altimeters
Figure 1 illustrates a block diagram of the internal
circuitry on the stand–alone pressure sensor chip.
Figure 1. Temperature Compensated Pressure
Sensor Schematic
VS
3
SENSING
ELEMENT
THIN FILM
TEMPERATURE
COMPENSATION
AND
CALIBRATION
CIRCUITRY
2
4
Vout+
Vout–
1
GND
VOLTAGE OUTPUT versus
APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the sensor is
directly proportional to the differential pressure applied.
The absolute sensor has a built–in reference vacu-
um. The output voltage will decrease as vacuum,
relative to ambient, is drawn on the pressure (P1) side.
The output voltage of the differential or gauge sensor
increases with increasing pressure applied to the
pressure (P1) side relative to the vacuum (P2) side.
Similarly, output voltage increases as increasing vacu-
um is applied to the vacuum (P2) side relative to the
pressure (P1) side.
Preferred devices are Motorola recommended choices for future use
and best overall value.
Replaces MPX2200/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPX2202
MPXV2202G
SERIES
0 to 200 kPa (0 to 29 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
Motorola Preferred Device
SMALL OUTLINE PACKAGE
SURFACE MOUNT
PIN NUMBER
NOTE: Pin 1 is noted by the notch in
the lead.
1
2
3
Gnd
+Vout
VS
5
6
7
N/C
N/C
N/C
4–Vout
8
N/C
MPXV2202DP
CASE 1351
MPXV2202GP
CASE 1369
UNIBODY PACKAGE
MPX2202AP/GP
CASE 344B
MPX2202ASX/GSX
CASE 344F
MPX2202A/D
CASE 344
MPX2202DP
CASE 344C
PIN NUMBER
1
2
Gnd
+Vout
3
4
VS
–Vout
NOTE: Pin 1 is noted by the notch in
the lead.
MPX2202GVP
CASE 344D
REV 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com