Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 196 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 196 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 192Page - Motorola, Inc MPXM2202AS Datasheet HTML 193Page - Motorola, Inc MPXM2202AS Datasheet HTML 194Page - Motorola, Inc MPXM2202AS Datasheet HTML 195Page - Motorola, Inc MPXM2202AS Datasheet HTML 196Page - Motorola, Inc MPXM2202AS Datasheet HTML 197Page - Motorola, Inc MPXM2202AS Datasheet HTML 198Page - Motorola, Inc MPXM2202AS Datasheet HTML 199Page - Motorola, Inc MPXM2202AS Datasheet HTML 200Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 670 page
background image
MPX2202 MPXV2202G SERIES
3–50
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing the silicone gel
which isolates the die from the environment. The differential
or gauge sensor is designed to operate with positive differen-
tial pressure applied, P1 > P2. The absolute sensor is
designed for vacuum applied to P1 side.
The Pressure (P1) side may be identified by using the
table below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPX2202A
MPX2202D
344
Stainless Steel Cap
MPX2202DP
344C
Side with Part Marking
MPX2202AP
MPX2202GP
344B
Side with Port Attached
MPX2202GVP
344D
Stainless Steel Cap
MPX2202ASX
MPX2202GSX
344F
Side with Port Attached
MPXV2202GP
1369
Side with Port Attached
MPXV2202DP
1351
Side with Part Marking
ORDERING INFORMATION — UNIBODY PACKAGE (MPX2202 SERIES)
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Absolute, Differential
344
MPX2202A
MPX2202D
MPX2202A
MPX2202D
Ported Elements
Differential, Dual Port
344C
MPX2202DP
MPX2202DP
Absolute, Gauge
344B
MPX2202AP
MPX2202GP
MPX2202AP
MPX2202GP
Absolute, Gauge Axial
344F
MPX2202ASX
MPX2202GSX
MPX2202A
MPX2202D
Gauge, Vacuum
344D
MPX2202GVP
MPX2202GVP
ORDERING INFORMATION — SMALL OUTLINE PACKAGE (MPXV2202G SERIES)
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Marking
Ported Elements
Gauge, Side Port, SMT
1369
MPXV2202GP
Trays
MPXV2202G
Differential, Dual Port, SMT
1351
MPXV2202DP
Trays
MPXV2202G
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com